Electronic Components Datasheet Search
  English  ▼

X  

710573 Datasheet(PDF) 3 Page - PCTEL, Inc.

Part # 710573
Description  10-in-1 TETRA Cellular GNSS Wi-FiLPCA
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCTEL [PCTEL, Inc.]
Direct Link  https://www.pctel.com/
Logo PCTEL - PCTEL, Inc.

710573 Datasheet(HTML) 3 Page - PCTEL, Inc.

  710573 Datasheet HTML 1Page - PCTEL, Inc. 710573 Datasheet HTML 2Page - PCTEL, Inc. 710573 Datasheet HTML 3Page - PCTEL, Inc. 710573 Datasheet HTML 4Page - PCTEL, Inc. 710573 Datasheet HTML 5Page - PCTEL, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
> pctel.com/antenna-products
Electrical Specifications
TETRA / CMDA450
Frequencies
TETRA
380-410MHz
410-430MHz
430-450MHz
CDMA450/LTE450
450-470MHz
Impedance
50Ω
Polarization
Vertical
Radiation characteristics
Omni
VSWR2
2:1
Gain2
2.15dBi
Max Power
10W
Selection of Smarteq™ LPCA Models
Antenna Ports
Model
Part
Number
TETRA
380-410MHz
TETRA
410-430MHz
ISM
430-450MHz
CDMA 450/LTE450
450-470MHZ
Cellular
GNSS
Wi-Fi
Smarteq™ LPCA 1
710068
n
n
n
Smarteq™ LPCA 2
710100
n
n
n
Smarteq™ LPCA 3
710130
n
n
n
Smarteq™ LPCA 4
710153
n
n
n
n
Smarteq™ LPCA 5
710156
n
n
n
Smarteq™ LPCA 6
710150
n
n
n
n
Smarteq™ LPCA 7
710289
n
n
Smarteq™ LPCA 81
710494
n
Smarteq™ LPCA 91
710460
n
Smarteq™ LPCA 101
710573
n
n
Cellular
Frequencies
790-960MHz
1710-2690MHz
Impedance
50Ω
Polarization
Vertical
Radiation characteristics
Omni
VSWR2
790-960MHz
3:1
1710-2690MHz
2:1
Gain2
790-960MHz
2.51dBi
1710-2690MHz
3.15dBi
Max Power
10W
Wi-Fi
Frequencies
2400-2485MHz
4915-5875MHz
Impedance
50Ω
Polarization
Vertical
Radiation characteristics
Omni
VSWR2
1.5:1
Gain2
2.15dBi
Max Power
10W
Smarteq™ LPCA Family Low Profile
Combination Antenna
10-in-1 TETRA + Cellular + GNSS + Wi-Fi
SPECIFICATIONS
1
Please see separate datasheet
2
Measurements are made on Ø1m ground plan
DATASHEET ID 550 085 U



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com