Electronic Components Datasheet Search
  English  ▼

X  

710671 Datasheet(PDF) 3 Page - PCTEL, Inc.

Part # 710671
Description  Smarteq™ MultiFin Antenna Combination Antenna - GNSS, 5G Cellular, and WiFi
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCTEL [PCTEL, Inc.]
Direct Link  https://www.pctel.com/
Logo PCTEL - PCTEL, Inc.

710671 Datasheet(HTML) 3 Page - PCTEL, Inc.

  710671 Datasheet HTML 1Page - PCTEL, Inc. 710671 Datasheet HTML 2Page - PCTEL, Inc. 710671 Datasheet HTML 3Page - PCTEL, Inc. 710671 Datasheet HTML 4Page - PCTEL, Inc. 710671 Datasheet HTML 5Page - PCTEL, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
> pctel.com/antenna-products
Standard Configurations
Model
Elements
Cables
Connectors
Mount
Optional Rod
710671
LTE
WiFi
GNSS
RG316, brown
Cable length upon request
FAKRA
Connector type
upon request
Hole mount with center screw
Hole dimension Ø19mm
Installation thickness ≤ 5.5mm
Min. installation radius 2000mm
27-1000MHz according to
Smarteq rod guide
710672
LTE
WiFi
RG316, brown
Cable length upon request
FAKRA
Connector type
upon request
Hole mount with center screw
Hole dimension Ø19mm
Installation thickness ≤ 5.5mm
Min. installation radius 2000mm
27-1000MHz according to
Smarteq rod guide
Electrical Specifications – RF Antennas
Frequency Ranges (MHz)
VSWR1
Peak Gain2
Polarization
Nominal
Impedance
Maximum
Power
LTE Primary
698 - 960 MHz
≤ 3:1
3 dBi
Vertical
50 ohms
25 watts
1710 - 2170 MHz
≤ 2.5:1
5 dBi
2500 - 2690 MHz
≤ 3.0:1
5 dBi
3400 - 3800 MHz
≤ 3.0:1
4 dBi
WiFi
2400 - 2485 MHz
2.15 dBi
Vertical
50 ohms
25 watts
4915 - 5825 MHz
1
VSWR values are measured at the end of 0,5m cable without a ground plane.
2
Peak Gain values measured on ground plane (excluding cable)
Electrical Specifications – GNSS Antenna
Specification
Measurement
Frequencies
1559 - 1610 MHZ
Impedance
50Ω
Polarization
RHCP
VSWR
< 2.0:1
Gain Passive
(Peak Gain)
GPS
GLONASS
BEIDOU
GALILEO
4.5 dBic
4.0 dBic
3.0 dBic
3.0 dBic
Gain Active
30 + 1 dB
Noise Figures
< 2.5 dB with pre-filter (1.2 dB no pre-filter)
Supply Voltage
2.4-6V
Current Consumption
8-10mA
SPECIFICATIONS
Smarteq™ MultiFin Antenna
Combination Antenna - GNSS, 5G Cellular, and WiFi
DATASHEET ID 550 218 I



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com