Electronic Components Datasheet Search
  English  ▼

X  

710673 Datasheet(PDF) 3 Page - PCTEL, Inc.

Part # 710673
Description  Smarteq™ LPCA-MIMO 5G Family Low Profile Combination Antenna 5-in-1 Cellular GNSS WiFi
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCTEL [PCTEL, Inc.]
Direct Link  https://www.pctel.com/
Logo PCTEL - PCTEL, Inc.

710673 Datasheet(HTML) 3 Page - PCTEL, Inc.

  710673 Datasheet HTML 1Page - PCTEL, Inc. 710673 Datasheet HTML 2Page - PCTEL, Inc. 710673 Datasheet HTML 3Page - PCTEL, Inc. 710673 Datasheet HTML 4Page - PCTEL, Inc. 710673 Datasheet HTML 5Page - PCTEL, Inc. 710673 Datasheet HTML 6Page - PCTEL, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
> pctel.com/antenna-products
Selection of LPCA Models
Antenna Ports
Configurations
Part Num-
ber
Cellular
5G/LTE
Cellular
5G/LTE
GNSS+
LTE-Sec
WiFi 6E/
WiFi 7
LTE-Sec
WiFi 6E/
WiFi 7
Smarteq™ LPCA-MIMO 5G
710673
Fakra-m/D
Fakra-m/D
Smarteq™ LPCA-MIMO 5G WiFi/LTE-Sec
710674
Fakra-m/D
Fakra-m/D
Fakra-m/I
Smarteq™ LPCA-MIMO 5G GNSS+
710675
Fakra-m/D
Fakra-m/D
Fakra-m/C
Smarteq™ LPCA-MIMO 5G WiFi /LTE-Sec GNSS+
710676
Fakra-m/D
Fakra-m/D
Fakra-m/C
Fakra-m/I
Smarteq™ LPCA-MIMO 5G MIMO WiFi/LTE-Sec
710677
Fakra-m/D
Fakra-m/D
Fakra-m/I
Fakra-m/I
Smarteq™ LPCA-MIMO 5G MIMO WiFi/LTE-Sec GNSS+
710678
Fakra-m/D
Fakra-m/D
Fakra-m/C
Fakra-m/I
Fakra-m/I
Smarteq™ LPCA-MIMO 5G (SMA)
710746
SMA-m
SMA-m
Smarteq™ LPCA-MIMO 5G WiFi/LTE-Sec (SMA)
710747
SMA-m
SMA-m
RP SMA-m
Smarteq™ LPCA-MIMO 5G GNSS+ (SMA)
710748
SMA-m
SMA-m
SMA-m
Smarteq™ LPCA-MIMO 5G WiFi /LTE-Sec GNSS+ (SMA)
710749
SMA-m
SMA-m
SMA-m
RP SMA-m
Smarteq™ LPCA-MIMO 5G MIMO WiFi/LTE-Sec (SMA)
710750
SMA-m
SMA-m
RP SMA-m
RP SMA-m
Smarteq™ LPCA-MIMO 5G MIMO WiFi/LTE-Sec GNSS+ (SMA)
710751
SMA-m
SMA-m
SMA-m
RP SMA-m
RP SMA-m
Electrical Specifications
Frequencies
2x Main Cellular LTE/5G
617-698 MHz
698-960 MHz
1710-2690 MHz
3300-440 MHz
4400-5000 MHz
VSWR (Typical)*
< 3:1
< 2.7:1
< 2.1:1
< 1.9:1
< 5:1
Peak Gain*
1dBi
3.3dBi
7.5dBi
6.3dBi
5.2dBi
Antenna Efficiency*
~40%
~65%
~78%
~58%
~35%
Isolation Port 1 to 2
13dB
13dB
26dB
26dB
38dB
Isolation Port 1 to 3
23dB
17dB
31dB
24dB
32dB
Isolation Port 1 to 4
15dB
13dB
19dB
26dB
32dB
Correlation Factor
<0.04 on ground plane
Impedance
50Ω
Polarization
Linear
Radiation Characteristics
Omnidirectional
Max Power
10W
DC Short
Yes
Smarteq™ LPCA-MIMO 5G Family Low Profile
Combination Antenna
5-in-1 Cellular + GNSS + WiFi
SPECIFICATIONS
*Measurements are made on Ø0.3 ground plane 0.3m cable.
DATASHEET ID 550 163 K



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com