Electronic Components Datasheet Search
  English  ▼

X  

FDC2310 Datasheet(PDF) 1 Page - Tyco Electronics

Part # FDC2310
Description  Open Carrier Frequency Doubler For Microwave Telecommunications
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

FDC2310 Datasheet(HTML) 1 Page - Tyco Electronics

  FDC2310 Datasheet HTML 1Page - Tyco Electronics FDC2310 Datasheet HTML 2Page - Tyco Electronics FDC2310 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Open Carrier Frequency Doubler
For Microwave Telecommunications
FDC2310
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
V1
1
Features
• Input Frequency 1.5 to 8.0 GHz
• Output Frequency 3.0 to 16.0 GHz
• Input Drive Level +10 dBm (nominal)
• Microstrip Interface
Description
The FDC2310 is a passive bridge diode frequency doubler, de-
signed for use in military, commercial and test equipment applica-
tions. The design utilizes Schottky bridge quad diodes and broad-
band soft dielectric baluns to attain excellent performance.
Envi-
ronmental screening available to MIL-STD-883, MIL-STD-202, or
MIL-DTL-28837, consult factory.
Ordering Information
Part Number
Package
FDC2310
Open Carrier
Electrical Specifications: Z0 = 50Ω
Ω
Ω
Ω Pin = +10 dBm
Parameter
Test Conditions
Units
Typical
Guaranteed
+25ºC
-40º to +85ºC
SSB Conversion Loss
(max)
fin = 1.5 to 8.0 GHz
dB
11
14.0
14.5
Fundamental
Suppression (min)
fin = 1.5 to 8.0 GHz
dBc
35
19.5
19
Third Harmonic
Suppression (min)
fin = 1.5 to 8.0 GHz
dBc
40
20
18
Input VSWR
fin = 1.5 to 8.0 GHz
2.0:1
Product Image


Similar Part No. - FDC2310

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
FDC2310 MA-COM-FDC2310 Datasheet
495Kb / 3P
Open Carrier Frequency Doubler For Microwave Telecommunications
FDC2310 MA-COM-FDC2310 Datasheet
495Kb / 3P
Open Carrier Frequency Doubler
More results

Similar Description - FDC2310

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
FDC2710 MACOM-FDC2710 Datasheet
230Kb / 3P
Open Carrier Frequency Doubler For Microwave Telecommunications
MC4113 MACOM-MC4113 Datasheet
317Kb / 3P
Open Carrier Double-Balanced Mixer For Microwave Telecommunications
MC4510 MACOM-MC4510 Datasheet
323Kb / 3P
Open Carrier Double-Balanced Mixer For Microwave Telecommunications
logo
M/A-COM Technology Solu...
FDC2310 MA-COM-FDC2310 Datasheet
495Kb / 3P
Open Carrier Frequency Doubler For Microwave Telecommunications
FDC2710 MA-COM-FDC2710 Datasheet
514Kb / 3P
Open Carrier Frequency Doubler For Microwave Telecommunications
MC2307 MA-COM-MC2307 Datasheet
93Kb / 3P
Open Carrier Double-Balanced Mixer For Microwave Telecommunications
MC2310 MA-COM-MC2310 Datasheet
93Kb / 3P
Open Carrier Double-Balanced Mixer For Microwave Telecommunications
MC2320 MA-COM-MC2320 Datasheet
94Kb / 3P
Open Carrier Double-Balanced Mixer For Microwave Telecommunications
FDC2310 MA-COM-FDC2310 Datasheet
495Kb / 3P
Open Carrier Frequency Doubler
FDC2710 MA-COM-FDC2710 Datasheet
514Kb / 3P
Open Carrier Frequency Doubler
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com