Electronic Components Datasheet Search
  English  ▼

X  

FH2114 Datasheet(PDF) 1 Page - Tyco Electronics

Part # FH2114
Description  RF MOSFET Power Transistor, 75W, 24V 30-90 MHz
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

FH2114 Datasheet(HTML) 1 Page - Tyco Electronics

  FH2114 Datasheet HTML 1Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image


Similar Part No. - FH2114

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
FH2114 MA-COM-FH2114 Datasheet
86Kb / 1P
RF Power MOSFET Transistor 75W, 30-90MHz, 24V
More results

Similar Description - FH2114

ManufacturerPart #DatasheetDescription
logo
Ericsson
PTB20007 ERICSSON-PTB20007 Datasheet
47Kb / 3P
30 Watts, 935-960 MHz Cellular Radio RF Power Transistor
PTB20134 ERICSSON-PTB20134 Datasheet
42Kb / 2P
30 Watts, 860-900 MHz Cellular Radio RF Power Transistor
PTB20174 ERICSSON-PTB20174 Datasheet
563Kb / 4P
90 Watts, 1400-1600 MHz RF Power Transistor
logo
Tyco Electronics
FH2164 MACOM-FH2164 Datasheet
90Kb / 1P
RF MOSFET Power Transistor, 8W, 12V 30 - 90 MHz
logo
TriQuint Semiconductor
AGR19030EF TRIQUINT-AGR19030EF Datasheet
355Kb / 10P
30 W, 1930 MHz-1990 MHz, PCS LDMOS RF Power Transistor
AGR19090E TRIQUINT-AGR19090E Datasheet
395Kb / 10P
90 W, 1930 MHz-1990 MHz, PCS LDMOS RF Power Transistor
logo
M/A-COM Technology Solu...
FH2114 MA-COM-FH2114 Datasheet
86Kb / 1P
RF Power MOSFET Transistor 75W, 30-90MHz, 24V
FH2164 MA-COM-FH2164 Datasheet
85Kb / 1P
RF Power MOSFET Transistor 8W, 30-90MHz, 12V
logo
Delta Electronics, Inc.
PMC-24V075W1AA DELTA-PMC-24V075W1AA Datasheet
715Kb / 13P
24V 75W 1 Phase
logo
Weidmuller
2660200283 WEIDMULLER-2660200283 Datasheet
150Kb / 3P
PRO PM 75W 24V 3.2A
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com