Electronic Components Datasheet Search
  English  ▼

X  

PI5C6800C Datasheet(PDF) 2 Page - Pericom Semiconductor Corporation

Part # PI5C6800C
Description  10-Bit Bus Switch with Precharged Outputs
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI5C6800C Datasheet(HTML) 2 Page - Pericom Semiconductor Corporation

  PI5C6800C Datasheet HTML 1Page - Pericom Semiconductor Corporation PI5C6800C Datasheet HTML 2Page - Pericom Semiconductor Corporation PI5C6800C Datasheet HTML 3Page - Pericom Semiconductor Corporation PI5C6800C Datasheet HTML 4Page - Pericom Semiconductor Corporation PI5C6800C Datasheet HTML 5Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
PS8351F
03/23/07
PI5C6800C
10-Bit Bus Switch with
Precharged Outputs
Storage Temperature....................................... –65°C to +150°C
Supply Voltage Range .......................................... –0.5V to +7V
DC Input Voltage(2) .............................................. –0.5V to +7V
Input Clamp Current, IIK (V1<0) ....................................–50mA
DC Output Current ..........................................................120mA
Power Dissipation(3)...........................................................0.5W
Notes:
1. Stresses greater than those listed under MAXIMUM RATINGS may cause permanent damage to the device. This is a stress rating only and
functional operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not
implied. Exposure to absolute maximum rating conditions for extended periods may affect reliability.
2. The input and output negative-voltage ratings may be exceeded if the input and output clamp-current ratings are observed.
3. The maximum package power dissipation is calculated using a junction temperatue of 150°C and a board trace length of 750 mils.
Absolute Maximum Ratings Over Free-Air Temperature Range(1)
(Above which the useful life may be impaired. For user guidelines, not tested.)
Notes:
1.
Measured by the voltage drop between the A and B terminals at the indicated current through the switch. On-State resistance is determined by
the lower of the voltages of the two (A or B) terminals.
2.
This is the increase in supply current for control input.
3.
All typical values are at VCC = 3.3V, TA = 25°C.
Recommended Operating Conditions
Parameters
Description
Min.
Typ.
Units
VCC
Supply Voltage
2.3
5.5
V
BIASV
Supply Voltage
1.3
VCC
VIH
High-level input voltage
2
VIL
Low-level input voltage
0.8
TA
Operating free-air voltage
–40
85
°C
Electrical Characteristics (Over Recommended Operating Free-air Temperature Range)
Parameters
Test Condidtion
Min.
Typ.(3)
Max.
Units
VIK
VCC = 4.5V, II = –18mA
–1.8
V
II
VCC = 5.5V, VI = 5.5V or GND
±5
μA
IO
VCC = 4.5V, BIASV = 2.4V, VO = 0
–0.20
mA
ICC
VCC = 5.5V, IO = 0, VI = VCC or GND
100
μA
∆ICC(2)
VCC = 3.6V, One input at 2.7V Other at VCC or GND
2.5
mA
CIN
VI = 3V or 0
3.5
pF
COFF
VO = 3V or 0, Switch Off
4.5
RON(1)
VCC = 4V
VI = 2.4V, II = 15mA
9
28
Ω
VCC = 4.5V
VI = 0V, II = 64mA
5.5
8
VI = 0V, II = 30mA
5
8
VI = 2.4V, II = 15mA
9
16
07-0073



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com