Electronic Components Datasheet Search
  English  ▼

X  

PIC18F2525 Datasheet(PDF) 2 Page - Microchip Technology

Part # PIC18F2525
Description  Clarifications/Corrections
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F2525 Datasheet(HTML) 2 Page - Microchip Technology

  PIC18F2525 Datasheet HTML 1Page - Microchip Technology PIC18F2525 Datasheet HTML 2Page - Microchip Technology PIC18F2525 Datasheet HTML 3Page - Microchip Technology PIC18F2525 Datasheet HTML 4Page - Microchip Technology PIC18F2525 Datasheet HTML 5Page - Microchip Technology PIC18F2525 Datasheet HTML 6Page - Microchip Technology PIC18F2525 Datasheet HTML 7Page - Microchip Technology PIC18F2525 Datasheet HTML 8Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
PIC18F2525/2620/4525/4620
DS80222B-page 2
© 2005 Microchip Technology Inc.
4.
Module: DC Characteristics
In Section 26.3 “DC Characteristics” (page 336),
the specifications for VIL parameters D033B and
D034 have been clarified and now read as follows:
5.
Module: A/D Converter Characteristics
In Table 26-24: A/D Converter Characteristics
(page 359), specification A40 has been added:
TABLE 26-24: A/D CONVERTER CHARACTERISTICS: PIC18FX525/X620 (INDUSTRIAL, EXTENDED)
PIC18LFX525/X620 (INDUSTRIAL)
6.
Module: Instruction Set
In Table 24-2: PIC18FXXXX Instruction Set
(pages 270-271), the ADDWF, ADDWFC and BTG
instructions have been modified. The changes are
shown in bold text:
26.3
DC Characteristics: PIC18F2525/2620/4525/4620 (Industrial, Extended)
PIC18LF2525/2620/4525/4620 (Industrial)
DC CHARACTERISTICS
Standard Operating Conditions (unless otherwise stated)
Operating temperature -40°C
≤ TA ≤ +85°C for industrial
Param
No.
Symbol
Characteristic
Min
Max
Units
Conditions
VIL
Input Low Voltage
D033B
D034
OSC1
T13CKI
VSS
VSS
0.3
0.3
V
V
XT, LP modes
Param
No.
Symbol
Characteristic
Min
Typ
Max
Units
Conditions
A40
IAD
A/D Current from VDD PIC18FXXXX
—
180
—
μA
Average current during
conversion
PIC18LFXX20
—
90
—
μA
TABLE 26-25: PIC18FXXXX INSTRUCTION SET
Mnemonic,
Operands
Description
Cycles
16-Bit Instruction Word
Status
Affected
Notes
MSb
LSb
BYTE-ORIENTED OPERATIONS
ADDWF
ADDWFC
f, d, a
f, d, a
Add WREG and f
Add WREG and Carry bit to f
1
1
0010
0010
01da
00da
ffff
ffff
ffff
ffff
C, DC, Z, OV, N
C, DC, Z, OV, N
1, 2
1, 2
BIT-ORIENTED OPERATIONS
BTG
f, b, a
Bit Toggle f
1
0111
bbba
ffff
ffff
None
1, 2
Note
1:
When a Port register is modified as a function of itself (e.g., MOVF PORTB, 1, 0), the value used will be that value
present on the pins themselves. For example, if the data latch is ‘1’ for a pin configured as input and is driven low by an
external device, the data will be written back with a ‘0’.
2:
If this instruction is executed on the TMR0 register (and where applicable, ‘d’ = 1), the prescaler will be cleared if
assigned.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com