Electronic Components Datasheet Search
  English  ▼

X  

FR12 Datasheet(PDF) 1 Page - Tyco Electronics

Part # FR12
Description  Single Junction Drop-In Isolator 800MHz, 900MHz, 1800MHz, 1900MHz, 2100MHz
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

FR12 Datasheet(HTML) 1 Page - Tyco Electronics

  FR12 Datasheet HTML 1Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Single Junction Drop-In Isolator
800MHz, 900MHz, 1800MHz, 1900MHz, 2100MHz
FR12 Series
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
V7
1
Features
• 20dB Isolation
• 0.35dB Insertion Loss
• Low cost package
• Custom products available with alternative con-
figurations such as couplers, attenuators, high
power termination and reverse circulation.
Description
M/A COM’s drop-in circulators and isolators, de-
signed for Wireless base station and power amplifier
applications, feature high reliability performance at a
low cost. These designs feature a low cost package
ideally suited for high volume manufacturing. M/A
Com is one of the largest suppliers of isolator and
circulators in the world.
Ordering Information
Part Number
Frequency Range (MHz)
FR12-0001
869—894
FR12-0002
925—960
FR12-0003
1805—1880
FR12-0004
1930—1990
FR12-0009
2110—2170
Outline Drawing
Electrical Specifications: Z0 = 50
Ω
Parameter
-30°C to +85°C
Isolation
20dB minimum
Insertion Loss
0.35dB maximum
VSWR, all ports
1.22:1
Circulation
Clockwise
Absolute Maximum Ratings
1
1. Operation of this device above any one of these parameters
Parameter
Absolute Maximum
Forward Power
150 Watts
Reflected Power
20 Watts
Operating Temperature
-30°C to +85°C
Storage Temperature
-45°C to +125°C


Similar Part No. - FR12

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
FR12 FCI-FR12 Datasheet
117Kb / 2P
1.0 Amp FAST RECOVERY PLASTIC RECTIFIERS
logo
M/A-COM Technology Solu...
FR12 MA-COM-FR12 Datasheet
42Kb / 1P
Single Junction Drop-In Isolator 800MHz, 900MHz, 1800MHz, 1900MHz, 2100MHz
logo
Tyco Electronics
FR12-0001 MACOM-FR12-0001 Datasheet
45Kb / 1P
3- Port DROP - IN CIRCULATOR / ISOLATOR 869 - 894 MHz
logo
M/A-COM Technology Solu...
FR12-0001 MA-COM-FR12-0001 Datasheet
42Kb / 1P
Single Junction Drop-In Isolator 800MHz, 900MHz, 1800MHz, 1900MHz, 2100MHz
logo
Tyco Electronics
FR12-0002 MACOM-FR12-0002 Datasheet
45Kb / 1P
3- Port DROP - IN CIRCULATOR / ISOLATOR 925 - 960 MHz
More results

Similar Description - FR12

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
FR11 MACOM-FR11 Datasheet
40Kb / 1P
Single Junction Drop-In Circulator 800MHz, 900MHz, 1800MHz, 1900MHz, 2100MHz
FR31 MACOM-FR31 Datasheet
37Kb / 1P
Single Junction Surface Mount Circulator 800MHz, 900MHz, 1800MHz, 1900MHz, 2100MHz
FR32 MACOM-FR32 Datasheet
38Kb / 1P
Single Junction Surface Mount Isolator 800MHz, 900MHz, 1800MHz, 1900MHz, 2100MHz
logo
M/A-COM Technology Solu...
MAFR-000232-000001 MA-COM-MAFR-000232-000001 Datasheet
75Kb / 1P
Single Junction Drop-In Isolator 3.3 GHz-3.4 GHz
FR11 MA-COM-FR11 Datasheet
42Kb / 1P
Single Junction Drop-In Circulator 800MHz, 900MHz, 1800MHz, 1900MHz, 2100MHz
FR12 MA-COM-FR12 Datasheet
42Kb / 1P
Single Junction Drop-In Isolator 800MHz, 900MHz, 1800MHz, 1900MHz, 2100MHz
MAFRIN0513 MA-COM-MAFRIN0513 Datasheet
94Kb / 2P
Single Junction Drop-In Isolator
MAFRIN0533 MA-COM-MAFRIN0533 Datasheet
94Kb / 2P
Single Junction Drop-In Isolator
MAFRIN0537 MA-COM-MAFRIN0537 Datasheet
94Kb / 2P
Single Junction Drop-In Isolator
MAFRIN0541 MA-COM-MAFRIN0541 Datasheet
94Kb / 2P
Single Junction Drop-In Isolator
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com