Electronic Components Datasheet Search
  English  ▼

X  

FR31 Datasheet(PDF) 1 Page - Tyco Electronics

Part # FR31
Description  Single Junction Surface Mount Circulator 800MHz, 900MHz, 1800MHz, 1900MHz, 2100MHz
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

FR31 Datasheet(HTML) 1 Page - Tyco Electronics

  FR31 Datasheet HTML 1Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Single Junction Surface Mount Circulator
800MHz, 900MHz, 1800MHz, 1900MHz, 2100MHz
FR31 Series
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
V7
1
Features
• 20dB Isolation
• 0.35dB Insertion Loss
• Low cost surface mount package
• Custom products available with alternative con-
figurations such as couplers, attenuators, high
power termination and reverse circulation.
Description
M/A COM’s drop-in circulators and isolators, de-
signed for Wireless base station and power amplifier
applications, feature high reliability performance at a
low cost. These designs feature a low cost package
ideally suited for high volume manufacturing. M/A
Com is one of the largest suppliers of isolator and
circulators in the world.
Ordering Information
Part Number
Frequency Range (MHz)
FR31-0001
869—894
FR31-0002
925—960
FR31-0003
1805—1880
FR31-0004
1930—1990
FR31-0009
2110—2170
Outline Drawing
Electrical Specifications: Z0 = 50
Ω
Parameter
-30°C to +85°C
Isolation
20dB minimum
Insertion Loss
0.35dB maximum
VSWR, all ports
1.22:1
Circulation
Clockwise
Absolute Maximum Ratings
1
1. Operation of this device above any one of these parameters
may cause permanent damage.
Parameter
Absolute Maximum
Forward Power
65 Watts
Operating Temperature
-30°C to +85°C
Storage Temperature
-45°C to +125°C


Similar Part No. - FR31

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
FR31 FCI-FR31 Datasheet
104Kb / 2P
3.0 Amp FAST RECOVERY PLASTIC RECTIFIERS
FR310 FCI-FR310 Datasheet
104Kb / 2P
3.0 Amp FAST RECOVERY PLASTIC RECTIFIERS
logo
CHENG-YI ELECTRONIC CO....
FR3104 CHENG-YI-FR3104 Datasheet
119Kb / 2P
FAST SWITCHING RECTIFIER
logo
First Silicon Co., Ltd
FR317D FS-FR317D Datasheet
280Kb / 5P
3-TERMINAL 1A POSITIVE ADJUSTABLE REGULATOR
FR317DD FS-FR317DD Datasheet
280Kb / 5P
3-TERMINAL 1A POSITIVE ADJUSTABLE REGULATOR
More results

Similar Description - FR31

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAFRIN0495 MACOM-MAFRIN0495 Datasheet
133Kb / 3P
Single Junction Surface Mount Gull Wing Circulator 860 MHz-872 MHz
FR11 MACOM-FR11 Datasheet
40Kb / 1P
Single Junction Drop-In Circulator 800MHz, 900MHz, 1800MHz, 1900MHz, 2100MHz
FR12 MACOM-FR12 Datasheet
40Kb / 1P
Single Junction Drop-In Isolator 800MHz, 900MHz, 1800MHz, 1900MHz, 2100MHz
FR32 MACOM-FR32 Datasheet
38Kb / 1P
Single Junction Surface Mount Isolator 800MHz, 900MHz, 1800MHz, 1900MHz, 2100MHz
MAFRIN0449 MACOM-MAFRIN0449 Datasheet
134Kb / 3P
Single Junction Surface Mount Gull Wing Circulator 860 MHz-872 MHz
logo
M/A-COM Technology Solu...
MAFR-000229-000001 MA-COM-MAFR-000229-000001 Datasheet
70Kb / 1P
Single Junction Surface Mount Circulator 2.4GHz, 2.6GHz, 3.35GHz, 3.5GHz
FR11 MA-COM-FR11 Datasheet
42Kb / 1P
Single Junction Drop-In Circulator 800MHz, 900MHz, 1800MHz, 1900MHz, 2100MHz
FR12 MA-COM-FR12 Datasheet
42Kb / 1P
Single Junction Drop-In Isolator 800MHz, 900MHz, 1800MHz, 1900MHz, 2100MHz
MAFRIN0495 MA-COM-MAFRIN0495 Datasheet
112Kb / 2P
Single Junction Circulator
MAFRIN0512 MA-COM-MAFRIN0512 Datasheet
94Kb / 2P
Single Junction Drop-In Circulator
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com