Electronic Components Datasheet Search
  English  ▼

X  

SMG2 Datasheet(PDF) 1 Page - Tyco Electronics

Part # SMG2
Description  Voltage-Controlled Attenuator Module 5 to 2000 MHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

SMG2 Datasheet(HTML) 1 Page - Tyco Electronics

  SMG2 Datasheet HTML 1Page - Tyco Electronics SMG2 Datasheet HTML 2Page - Tyco Electronics SMG2 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
!
"
!
"
!
"
! #
$
!
!
% %&
'%(') &
* +,- %.) /0,*
'01
+1 - 2
3 45 6
'01 &
*+)- &
0* '0++
( 0
/783 45 6
'01 9&
+ 0- &
0* :
( 3 45 6%
!
; <
" =
!$
">?
@!A " " $
" !
!$
$ !@#
$
#
!
!
" @"
? >
"
@! $
"
# !
# B
! ! !
!$
!
# !
?
? !
C$ ! > !@
( " 0D
! +$
/ $! #
E @
"
>
A
! /&'D+ 9D
!B !
!
! !@
B
?
=
0D
+/=
+$
/ $!
/%%/D
D
.=
+/% . !!
8
FF
! " #!
$%&& " '(#% &
)
*+
,
-#.&
!.
#!.&
/#0.
'1#.&2
C$ ! >
/78
D
D
D
/
$
%
!$
! %B
? 3 !6
D
/78
D
/78
D
/78
(
(
(
&!
! '
3
; <
63
6
D
/78
D
/78
(
(
+1 - 3
!
!$
!
!@ 6
D
/78
(
2
!
0B
C$ ! >3
6
3%
!$
! ;
!
(A D
/786
(
G
G
G
+
" !@+#
3
6
H D
H
H D
H
I
I
(
@
<
<
<
(
.$
! 3
6
%
. !
@
<
<
<
. !
.$
! 3
6
%
F0B
#
$
#
!
#
!$ ?
.= A@$
!
.
<
. ! >
FF "
!!
8
B
!
!
- 7
#
!


Similar Part No. - SMG2

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
SMG2 MA-COM-SMG2 Datasheet
1Mb / 3P
Voltage-Controlled Attenuator Module 5 to 2000 MHz
SMG2 MA-COM-SMG2 Datasheet
1Mb / 4P
Voltage Controlled Attenuator Module
logo
SeCoS Halbleitertechnol...
SMG2007-C SECOS-SMG2007-C Datasheet
641Kb / 4P
P-Channel Enhancement Mode MOSFET
SMG2300 SECOS-SMG2300 Datasheet
472Kb / 4P
N-Channel Enhancement Mode Power Mos.FET
SMG2301 SECOS-SMG2301 Datasheet
357Kb / 4P
P-Channel Enhancement Mode Power Mos.FET
More results

Similar Description - SMG2

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
G30 MACOM-G30 Datasheet
469Kb / 3P
Voltage-Controlled Attenuator Module 100 to 2000 MHz
G40 MACOM-G40 Datasheet
468Kb / 3P
Voltage-Controlled Attenuator Module 500 to 4000 MHz
SMG1 MACOM-SMG1 Datasheet
492Kb / 3P
Voltage-Controlled Attenuator Module 5 to 2000 MHz
logo
M/A-COM Technology Solu...
SMG1 MA-COM-SMG1 Datasheet
1Mb / 3P
Voltage-Controlled Attenuator Module 5 to 2000 MHz
SMG2 MA-COM-SMG2 Datasheet
1Mb / 3P
Voltage-Controlled Attenuator Module 5 to 2000 MHz
SMG30 MA-COM-SMG30 Datasheet
1Mb / 3P
Voltage-Controlled Attenuator Module 100 to 2000 MHz
SMG40 MA-COM-SMG40 Datasheet
1Mb / 3P
Voltage-Controlled Attenuator Module 500 to 4000 MHz
logo
Teledyne Technologies I...
GC2002 TELEDYNE-GC2002 Datasheet
125Kb / 1P
5 TO 2000 MHz TO-8 VOLTAGE CONTROLLED ATTENUATOR MODULE
GC2510 TELEDYNE-GC2510 Datasheet
161Kb / 2P
10 TO 2500 MHz TO-8 VOLTAGE CONTROLLED ATTENUATOR MODULE
UTF0035 TELEDYNE-UTF0035 Datasheet
215Kb / 10P
Attenuator 50 to 2000 MHz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com