Electronic Components Datasheet Search
  English  ▼

X  

3967D Datasheet(PDF) 1 Page - PCTEL, Inc.

Part # 3967D
Description  Value Embedded GPS Antenna
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCTEL [PCTEL, Inc.]
Direct Link  https://www.pctel.com/
Logo PCTEL - PCTEL, Inc.

3967D Datasheet(HTML) 1 Page - PCTEL, Inc.

  3967D Datasheet HTML 1Page - PCTEL, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
GNSS ANTENNAS
PCTEL, Inc. WEB: www.antenna.com
3967D
3967D
•
2.7 - 5 V operation
•
Comes with internal ground plane
•
Ideal for embedded applications
Value Embedded GPS Antenna
The 3967D GPS antenna is ideal for ruggedized handheld GPS devices, mobile asset
tracking equipment and GPS timing applications. The 3967D features a custom
designed ceramic patch element, a two-stage low noise amplifier and a SAW filter,
providing great out-of-band signal rejection performance, consistent and clear
signal while minimizing loss-of-lock. The 3967D comes with a 1.75” mini-ground
plane.
Features
ELECTRICAL SPECIFICATIONS - GNSS ANTENNA
Frequency Range
LNA Gain
Element Gain
Polarization
Out of Band Rejection
Current Draw
1575.42 ± 10 MHz
30 dB
3 dBic @ 90°
-2 dBic @ 20°
Right hand circular
± 15 MHz: 5 dB
± 20 MHz: 10 dB
± 30 MHz: 32 dB
± 40 MHz: 45 dB
13 mA
ELECTRICAL SPECIFICATIONS - GNSS ANTENNA, continued
DC Voltage
Nominal Impedance
Noise Figure
VSWR
2.7-5.0 VDC
50 ohms
1.25 dB
1.5:1 maximum
STANDARD CONFIGURATION
Model
Cable
Connector
3967D
6” (15 cm) RG174
MCX right angle
Embedded GPS Antennas
MECHANICAL SPECIFICATIONS
Dimensions
Weight
Shock
Vibration
1.75” x 3.2”
(44.45 x 81.28 mm)
.56 oz
(16 g)
Vertical axis 50G
Other axes 30G
3 axis, sweep = 15 min
10 - 200 Hz log sweep: 3G
ENVIRONMENTAL SPECIFICATIONS
Temperature Range
Humidity
-40°C to +85°C operating
95% max (non condensing)
RoHS
COMPLIANT


Similar Part No. - 3967D

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
3967 ALLEGRO-3967 Datasheet
545Kb / 16P
MICROSTEPPING DRIVER WITH TRANSLATOR
logo
Bel Fuse Inc.
3967011F000 BEL-3967011F000 Datasheet
606Kb / 7P
End of life (EOL) for certain part numbers with little or no activity
logo
SCHOTT CORPORATION
39679 SCHOTT-39679 Datasheet
25Kb / 1P
INDUCTOR - POTS SPLITTER
More results

Similar Description - 3967D

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
GXB5210 SONY-GXB5210 Datasheet
204Kb / 13P
Antenna Embedded GPS Receiver Module
logo
Tallysman Wireless Inc.
TW1010 TALLYSMAN-TW1010 Datasheet
196Kb / 2P
Embedded GPS L1 Antenna
TW1320 TALLYSMAN-TW1320 Datasheet
279Kb / 2P
Embedded GPS/GLONASS Antenna
logo
TE Connectivity Ltd
956-510-5XX TEC-956-510-5XX Datasheet
315Kb / 2P
GPS Embedded Antenna
logo
Maxtena Inc.
MIA-GPS-12-C MAXTENA-MIA-GPS-12-C Datasheet
1Mb / 3P
Embedded GPS Active Antenna ??12mm
REV A
MIA-GPS-15-C MAXTENA-MIA-GPS-15-C Datasheet
1Mb / 3P
EMBEDDED ACTIVE GPS MICROSTRIP ANTENNA
REV A
MIA-GPS-18-C MAXTENA-MIA-GPS-18-C Datasheet
1Mb / 3P
Embedded GPS Active Antenna ??18mm
REV A
MIA-GPS-25-C MAXTENA-MIA-GPS-25-C Datasheet
1Mb / 3P
Embedded GPS Active Antenna ??25mm
REV A
MPA-1516 MAXTENA-MPA-1516 Datasheet
206Kb / 1P
GPS/GLONASS PASSIVE EMBEDDED ANTENNA
logo
NimbeLink Corp.
CRJKS0010-LNA-G65U NIMBELINK-CRJKS0010-LNA-G65U Datasheet
512Kb / 2P
CRJKS0010 Embedded GPS Antenna Embedded Ceramic GPS Antenna
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com