Electronic Components Datasheet Search
  English  ▼

X  

ESDA14V2-4BFX Datasheet(PDF) 4 Page - STMicroelectronics

Part # ESDA14V2-4BFX
Description  QUAD BIDIRECTIONAL TRANSIL??ARRAY FOR ESD PROTECTION
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ESDA14V2-4BFX Datasheet(HTML) 4 Page - STMicroelectronics

  ESDA14V2-4BFX Datasheet HTML 1Page - STMicroelectronics ESDA14V2-4BFX Datasheet HTML 2Page - STMicroelectronics ESDA14V2-4BFX Datasheet HTML 3Page - STMicroelectronics ESDA14V2-4BFX Datasheet HTML 4Page - STMicroelectronics ESDA14V2-4BFX Datasheet HTML 5Page - STMicroelectronics ESDA14V2-4BFX Datasheet HTML 6Page - STMicroelectronics ESDA14V2-4BFX Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
ESDA14V2-4BF2
4/7
Figure 10: Application example
Figure 11: Aplac model
Figure 9: Digital crosstalk
VG1
β21 G1
V
rise time: t
= 3ns
10-90%
V= A1
V = 0-3V
F = 5MHz
IN
V= C3
OUT
IC
to be
protected
A1
A3
C1
C3
B2
100m
1.2pF
100m
50pH 50m
160pH 1.8
B2
1.2pF
100m
1.2pF
100m
1.2pF
D02_r
C3
A3
C1
B2
A1
D02_r
BV = 16
IBV = 1m
CJO = 200p
M = 0.3333
RS = 1
VJ = 0.6
TT = 100n
D02_f
BV = 16
IBV = 1m
CJO = 10.4p
M = 0.3333
RS = 2
VJ = 0.6
TT = 100n



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com