Electronic Components Datasheet Search
  English  ▼

X  

LG1 Datasheet(PDF) 1 Page - Tyco Electronics

Part # LG1
Description  TO-8 THIN-FILM LINEARIZER
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

LG1 Datasheet(HTML) 1 Page - Tyco Electronics

  LG1 Datasheet HTML 1Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
North America: 1-800-366-2266
Visit www.macom.com for complete contact and product information.
LG1 / SMLG1
TO-8 THIN-FILM LINEARIZER
• WIDE TEMPERATURE OPERATION
• YIELDS LINEAR ATTENUATION (dB)
FOR LINEAR CONTROL VOLTAGE
Linearity Specifications (Rev. Date: 3/02)*
Temperature
Typical
Guaranteed Max.
25
°C
<
±1.0 dB
±1.5 dB
-54
°C to +85°C
<
±1.5 dB
±2.0 dB
* Frequency: 10-1000 MHz; attenuation range: 3 to 20 dB
Typical Current Drain
Control Voltage = -10
V (Min. Attenuation)
Control Voltage = 0 V
(Max. Attenuation)
-V
5 mA
5 mA
+V
24 mA
11 mA
Vcon
15 mA
2.5 mA
Combination of LGI and GI
-V
5 mA
5 mA
+V
31 mA
21 mA
Vcon
15 mA
2.5 mA
Absolute Maximum Ratings
Storage Temperature
-62
°C to +125°C
Max. Case Temperature
125
°C
Max. DC Voltage
+17 Volts
“S” Series Burn-in Temperature (Case)
125
°C
Outline Drawings
Package
TO-8
Surface Mount
SMA Connectorized
Figure
BJ
AD
CG
Model
LG1
SMLG1
CLG1
Typical Performance @ 25
°C
M/A-COM Inc. and its affiliates reserve the right to make changes to the product(s) or information
contained herein without notice. M/A-COM makes no warranty, representation or guarantee
regarding the suitability of its products for any particular purpose, nor does M/A-COM assume any
liability whatsoever arising out of the use or application of any product(s) or information.


Similar Part No. - LG1

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
LG1 MA-COM-LG1 Datasheet
153Kb / 3P
TO-8 Thin-Film Linearizer
LG1-SMLG1 MA-COM-LG1-SMLG1_15 Datasheet
153Kb / 3P
TO-8 Thin-Film Linearizer
logo
Seoul Semiconductor
LG100Z SEOUL-LG100Z Datasheet
390Kb / 12P
GREEN OVAL LAMP LED
LG101 SEOUL-LG101 Datasheet
376Kb / 14P
INFRARED LAMP LED
LG101 SEOUL-LG101 Datasheet
360Kb / 13P
CYAN LAMP LED
More results

Similar Description - LG1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WH9A ETC1-WH9A Datasheet
105Kb / 2P
Linearizer
logo
Tyco Electronics
LG30 MACOM-LG30 Datasheet
65Kb / 1P
TO-8 THIN-FILM LINEARIZER FOR THE G30
logo
M/A-COM Technology Solu...
LG1 MA-COM-LG1 Datasheet
153Kb / 3P
TO-8 Thin-Film Linearizer
LG30 MA-COM-LG30 Datasheet
162Kb / 3P
TO-8 Thin-Film Linearizer For The G30
logo
Riedon Powertron
PF1260 RIEDON-PF1260_13 Datasheet
181Kb / 2P
TO-126 Power Thin Film Resistors
logo
M/A-COM Technology Solu...
LG1_SMLG1 MA-COM-LG1_SMLG1 Datasheet
153Kb / 3P
TO-8 Thin-Film Linearizer
LG30_SMLG30 MA-COM-LG30_SMLG30 Datasheet
162Kb / 3P
TO-8 Thin-Film Linearizer For The G30
LG1-SMLG1 MA-COM-LG1-SMLG1_15 Datasheet
153Kb / 3P
TO-8 Thin-Film Linearizer
LG30-SMLG30 MA-COM-LG30-SMLG30_15 Datasheet
162Kb / 3P
TO-8 Thin-Film Linearizer For The G30
logo
Riedon Powertron
PF2200 RIEDON-PF2200_15 Datasheet
258Kb / 3P
TO-220 Power Thin Film Resistors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com