Electronic Components Datasheet Search
  English  ▼

X  

ESDA6V1P6 Datasheet(PDF) 2 Page - STMicroelectronics

Part # ESDA6V1P6
Description  Transil??array for ESD protection
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ESDA6V1P6 Datasheet(HTML) 2 Page - STMicroelectronics

  ESDA6V1P6 Datasheet HTML 1Page - STMicroelectronics ESDA6V1P6 Datasheet HTML 2Page - STMicroelectronics ESDA6V1P6 Datasheet HTML 3Page - STMicroelectronics ESDA6V1P6 Datasheet HTML 4Page - STMicroelectronics ESDA6V1P6 Datasheet HTML 5Page - STMicroelectronics ESDA6V1P6 Datasheet HTML 6Page - STMicroelectronics ESDA6V1P6 Datasheet HTML 7Page - STMicroelectronics ESDA6V1P6 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Characteristics
ESDAxxxP6
2/8
1
Characteristics
Table 1.
Absolute Maximum Ratings (Tamb = 25° C)
Symbol
Parameter
Value
Unit
PPP
Peak pulse power (8/20 µs) (1)
Tj initial = Tamb
1.
for a surge greater than the maximum values, the diode will fail in short-circuit.
ESDA6V1P6 / ESDA6V1-5P6
150
W
ESDA14V2BP6
50
Tj
Junction temperature
150
°C
Tstg
Storage temperature range
-55 to +150
°C
TL
Maximum lead temperature for soldering during 10 s at 5 mm for case
260
°C
Top
Operating temperature range
-40 to +150
°C
Table 2.
Electrical Characteristics (Tamb = 25° C)
Symbol
Parameter
VRM
Stand-off voltage
VBR
Breakdown voltage
VCL
Clamping voltage
IRM
Leakage current
IPP
Peak pulse current
αT
Voltage temperature coefficient
VF
Forward voltage drop
C
Capacitance
Rd
Dynamic resistance
Part Numbers
VBR
@ IR
IRM @ VRM
Rd
αTC
min.
max.
max.
max.
typ.
typ.
@ 0V
VV
mA
µA
V
Ω
10-4/°C
pF
ESDA6V1P6
6.1
7.2
1
0.5
3
1.5
4
70
ESDA6V1-5P6
ESDA14V2BP6
14.2
18
1
112
1.5
5.8
25
0.1
3
V
I
VCLVBR
VRM
IF
VF
IRM
IPP
Slope: 1/Rd
Unidirectional
V
I
VCLVBR
VRM
IRM
IPP
Slope: 1/Rd
Bidirectional



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com