Electronic Components Datasheet Search
  English  ▼

X  

ESDA14V2BP6 Datasheet(PDF) 3 Page - STMicroelectronics

Part # ESDA14V2BP6
Description  Transil??array for ESD protection
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ESDA14V2BP6 Datasheet(HTML) 3 Page - STMicroelectronics

  ESDA14V2BP6 Datasheet HTML 1Page - STMicroelectronics ESDA14V2BP6 Datasheet HTML 2Page - STMicroelectronics ESDA14V2BP6 Datasheet HTML 3Page - STMicroelectronics ESDA14V2BP6 Datasheet HTML 4Page - STMicroelectronics ESDA14V2BP6 Datasheet HTML 5Page - STMicroelectronics ESDA14V2BP6 Datasheet HTML 6Page - STMicroelectronics ESDA14V2BP6 Datasheet HTML 7Page - STMicroelectronics ESDA14V2BP6 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
ESDAxxxP6
Characteristics
3/8
Figure 4.
Peak power dissipation versus
initial junction temperature
Figure 5.
Peak pulse power versus
exponential pulse duration
(Tj initial = 25° C)
P
[T initial] /
[T initial=25°C]
PP
j
j
PPP
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
0
25
50
75
100
125
150
175
T initial (°C)
j
10
100
1000
110
100
ESDA6V1P6 & ESDA6V1-5P6
ESDA14V2BP6
t (µs)
p
P
(W)
PP
T initial = 25°C
j
Figure 6.
Clamping voltage versus peak
pulse current (Tj initial = 25° C,
rectangular waveform, tp = 2.5 µs)
Figure 7.
Junction capacitance versus
reverse applied voltage (typical
values)
0.1
1.0
10.0
100.0
0
1020
3040
50
60
70
t
P=2.5µs
T
j initial =25°C
ESDA6V1P6 & ESDA6V1-5P6
ESDA14V2BP6
I
(A)
PP
V
(V)
CL
0
10
20
30
40
50
60
70
80
01
23
45
678
9
10
11
12
13
14
ESDA6V1P6 & ESDA6V1-5P6
ESDA14V2BP6
V (V)
R
C(pF)
F=1MHz
V
=30mV
T =25°C
OSC
RMS
j
Figure 8.
Relative variation of leakage
current versus junction
temperature (typical values)
Figure 9.
Peak forward voltage drop versus
peak forward current (typical
values)
1.E+00
1.E+01
1.E+02
1.E+03
1.E+04
25
50
75
100
125
150
ESDA6V1P6 & ESDA6V1-5P6
V
R =3V
ESDA14V2BP6
V
R =12V
T (°C)
j
I [T ] / I [T =25°C]
Rj
Rj
1.E-03
1.E-02
1.E-01
1.E+00
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
T
j =25°C
T
j =125°C
ESDA6V1P6 & ESDA6V1-5P6
I
(A)
FM
V
(V)
FM



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com