Electronic Components Datasheet Search
  English  ▼

X  

M2BC Datasheet(PDF) 1 Page - Tyco Electronics

Part # M2BC
Description  Double-Balanced Mixer
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

M2BC Datasheet(HTML) 1 Page - Tyco Electronics

  M2BC Datasheet HTML 1Page - Tyco Electronics M2BC Datasheet HTML 2Page - Tyco Electronics M2BC Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
!
"
!
"
!
"
! #
$
!
!
%& ' (
&
)*+
, -. &
) *+
%& -(, / 0
1
23&),
34%5
*,
6* ,
7&%4 ,
&3
1 2 89 5
" ) 1
$: :
!
;
<!
$
!
=;
; !
>$ #
!
##
!
"
<! $ +
7 "
?= !< >$
! :
: !
: $!
!
! #
!
"
!
: $
#"
!
:@#"
$
!
"
, #
-.
$@
#
"
/!A !
!
! !<
A
:
),%@
7 -@
;),%@7 -@
;
),%@- %@
; ! $
=
) 1
&@
) 1.
7)4 . !!
+
! " #!
$ " %&' (
) *
+
,-
.
/
0
.,
1
%2#3/
4#53
%6#3/ 7
771 . !A
! %
2
5' 771 3
<$
2
5
1
1
,
!;%
( 2 !5
%B
6*+
%B
6*+
%B
6*+
1
1
1
,
!;%
,2 !5
%B
6*+
%B
6*+
%B
6*+
1
1
1
1 . !A
! .
#
%B 0
1
1
0
,!#$ ,9
1
0
C " ) 1. #
!
## =
D.
0 D.


Similar Part No. - M2BC

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
M2BC MA-COM-M2BC Datasheet
972Kb / 3P
Double-Balanced Mixer
M2BC MA-COM-M2BC Datasheet
975Kb / 3P
Double-Balanced Mixer
logo
M-System Co.,Ltd.
M2BC-041-K MSYSTEM-M2BC-041-K Datasheet
231Kb / 8P
Super-mini Signal Conditioners Mini-M Series
M2BC-041-R MSYSTEM-M2BC-041-R Datasheet
231Kb / 8P
Super-mini Signal Conditioners Mini-M Series
M2BC-042-K MSYSTEM-M2BC-042-K Datasheet
231Kb / 8P
Super-mini Signal Conditioners Mini-M Series
More results

Similar Description - M2BC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SGM-2-17 ETC1-SGM-2-17 Datasheet
253Kb / 4P
DOUBLE-BALANCED MIXER DOUBLE-BALANCED MIXER
logo
Tyco Electronics
M6D-50 MACOM-M6D-50_1 Datasheet
222Kb / 3P
Double-Balanced Mixer
M6R MACOM-M6R Datasheet
187Kb / 3P
Double-Balanced Mixer
M9BC MACOM-M9BC Datasheet
167Kb / 2P
Double-Balanced Mixer
M74 MACOM-M74 Datasheet
431Kb / 3P
Double-Balanced Mixer
M76 MACOM-M76 Datasheet
495Kb / 3P
Double-Balanced Mixer
logo
M/A-COM Technology Solu...
M2E MA-COM-M2E Datasheet
127Kb / 3P
Double-Balanced Mixer
M1G MA-COM-M1G Datasheet
97Kb / 3P
Double-Balanced Mixer
M6D-50 MA-COM-M6D-50 Datasheet
658Kb / 3P
Double-Balanced Mixer
M8H-3 MA-COM-M8H-3 Datasheet
963Kb / 3P
Double-Balanced Mixer
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com