Electronic Components Datasheet Search
  English  ▼

X  

AM62A7 Datasheet(PDF) 2 Page - Texas Instruments

Part # AM62A7
Description  AM62Ax Sitara™ Processors
PDF  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM62A7 Datasheet(HTML) 2 Page - Texas Instruments

  AM62A7 Datasheet HTML 1Page - Texas Instruments AM62A7 Datasheet HTML 2Page - Texas Instruments AM62A7 Datasheet HTML 3Page - Texas Instruments AM62A7 Datasheet HTML 4Page - Texas Instruments AM62A7 Datasheet HTML 5Page - Texas Instruments AM62A7 Datasheet HTML 6Page - Texas Instruments AM62A7 Datasheet HTML 7Page - Texas Instruments AM62A7 Datasheet HTML 8Page - Texas Instruments AM62A7 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 237 page
background image
 
Functional Safety:
• Functional Safety-Compliant targeted [Industrial]
– Developed for functional safety applications
– Documentation will be available to aid IEC
61508 functional safety system design
– Systematic capability up to SIL 3 targeted
– Hardware Integrity up to SIL 2 targeted
– Safety-related certification
• IEC 61508 by TÜV SÜD planned
• Functional Safety-Compliant targeted [Automotive]
– Developed for functional safety applications
– Documentation will be available to aid ISO
26262 functional safety system design
– Systematic capability up to ASIL D targeted
– Hardware integrity up to ASIL B targeted
– Safety-related certification
• ISO 26262 by TÜV SÜD planned
• AEC - Q100 qualified [Automotive]
Security:
• Secure boot supported
– Hardware-enforced Root-of-Trust (RoT)
– Support to switch RoT via backup key
– Support for takeover protection, IP protection,
and anti-roll back protection
• Trusted Execution Environment (TEE) supported
– Arm TrustZone® based TEE
– Extensive firewall support for isolation
– Secure watchdog/timer/IPC
– Secure storage support
– Replay Protected Memory Block (RPMB)
support
• Dedicated Security Controller with user
programmable HSM core and dedicated security
DMA & IPC subsystem for isolated processing
• Cryptographic acceleration supported
– Session-aware cryptographic engine with ability
to auto-switch key-material based on incoming
data stream
• Supports cryptographic cores
– AES – 128-/192-/256-Bit key sizes
– SHA2 – 224-/256-/384-/512-Bit key sizes
– DRBG with true random number generator
– PKA (Public Key Accelerator) to Assist in
RSA/ECC processing for secure boot
• Debugging security
– Secure software controlled debug access
– Security aware debugging
High-Speed Interfaces:
• Integrated Ethernet switch supporting (total 2
external ports)
– RMII(10/100) or RGMII (10/100/1000)
– IEEE1588 (Annex D, Annex E, Annex F with
802.1AS PTP)
– Clause 45 MDIO PHY management
– Packet Classifier based on ALE engine with
512 classifiers
– Priority based flow control
– Time Sensitive Networking (TSN) support
– Four CPU H/W interrupt Pacing
– IP/UDP/TCP checksum offload in hardware
• Two USB2.0 Ports
– Port configurable as USB host, USB peripheral,
or USB Dual-Role Device (DRD mode)
– Integrated USB VBUS detection
General Connectivity:
• 9x Universal Asynchronous Receiver-Transmitters
(UART)
• 5x Serial Peripheral Interface (SPI) controllers
• 6x Inter-Integrated Circuit (I2C) ports
• 3x Multichannel Audio Serial Ports (McASP)
– Transmit and Receive Clocks up to 50 MHz
– Up to 16/10/6 Serial Data Pins across 3x
McASP with Independent TX and RX Clocks
– Supports Time Division Multiplexing (TDM),
Inter-IC Sound (I2S), and Similar Formats
– Supports Digital Audio Interface Transmission
(SPDIF, IEC60958-1, and AES-3 Formats)
– FIFO Buffers for Transmit and Receive (256
Bytes)
– Support for audio reference output clock
• 3x enhanced PWM modules (ePWM)
• 3x enhanced Quadrature Encoder Pulse modules
(eQEP)
• 3x enhanced Capture modules (eCAP)
• General-Purpose I/O (GPIO), All LVCMOS I/O can
be configured as GPIO
• 3x Controller Area Network (CAN) modules with
CAN-FD support
– Conforms w/ CAN Protocol 2.0 A, B and ISO
11898-1
– Full CAN FD support (up to 64 data bytes)
– Parity/ECC check for Message RAM
– Speed up to 8 Mbps
AM62A7, AM62A7-Q1, AM62A3, AM62A3-Q1
SPRSP77A – MARCH 2023 – REVISED AUGUST 2023
www.ti.com
2
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: AM62A7 AM62A7-Q1 AM62A3 AM62A3-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com