Electronic Components Datasheet Search
  English  ▼

X  

MA4AGSBP907 Datasheet(PDF) 3 Page - Tyco Electronics

Part # MA4AGSBP907
Description  AlGaAs Solder Bump Flip-Chip PIN Diode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MA4AGSBP907 Datasheet(HTML) 3 Page - Tyco Electronics

  MA4AGSBP907 Datasheet HTML 1Page - Tyco Electronics MA4AGSBP907 Datasheet HTML 2Page - Tyco Electronics MA4AGSBP907 Datasheet HTML 3Page - Tyco Electronics MA4AGSBP907 Datasheet HTML 4Page - Tyco Electronics MA4AGSBP907 Datasheet HTML 5Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Specification Subject to Change Without Notice
M/A-COM Inc.
43 South Avenue, Burlington, MA 01803 USA
Telephone: 617-564-3100
3
AlGaAs Solder Bump Flip-Chip PIN Diode
MA4AGSBP907
Rev 2.0
Single Series Diode Isolation vs Frequency
-35.0
-30.0
-25.0
-20.0
-15.0
-10.0
-5.0
Frequency (GHz)
Isolation @ -10V
Isolation @ 0V
Isolation @ -1V



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com