Electronic Components Datasheet Search
  English  ▼

X  

TL103W Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # TL103W
Description  TL103Wx Dual Operational Amplifiers With Internal Reference
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TL103W Datasheet(HTML) 12 Page - Texas Instruments

Back Button TL103W Datasheet HTML 8Page - Texas Instruments TL103W Datasheet HTML 9Page - Texas Instruments TL103W Datasheet HTML 10Page - Texas Instruments TL103W Datasheet HTML 11Page - Texas Instruments TL103W Datasheet HTML 12Page - Texas Instruments TL103W Datasheet HTML 13Page - Texas Instruments TL103W Datasheet HTML 14Page - Texas Instruments TL103W Datasheet HTML 15Page - Texas Instruments TL103W Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 33 page
background image
6 Detailed Description
6.1 Overview
The TL103Wx features two high-voltage amplifiers and a shunt voltage reference to allow for cost-sensitive and
compact battery charger CC/CV feedback circuits. The upgraded TL103WB features is designed to provide a
wide supply range (up to 36V), low offset voltage (±0.3mV typical) and a 1.2MHz bandwidth. The integrated
voltage reference is tied to the non-inverting pin of one of OP AMP 1 and provides a fixed 2.5V referenced to
the negative supply of the device. The shunt reference of the TL103WA/TL103WB features a tight tolerance of
0.44% at 25°C.
When a single supply voltage of 5V is used (or ±2.5V split supply), the TL103Wx internal reference allows
for a more accurate and power-efficient mid-supply signal to be used throughout your circuit. The TL103W/
TL103WA devices are characterized for operation from -40°C to 85°C, the TL103WB devices are characterized
for operation from –40°C to 125°C.
6.2 Functional Block Diagram
V
CC+
1OUT
+
-
1
2
3
4
8
7
6
5
1IN+
1IN–
2IN+
2IN–
2OUT
V
REF
OP
AMP 1
+
-
OP
AMP 2
V
CC-
6.3 Feature Description
6.3.1 Internal Reference
The TL103Wx family features an internal shunt reference, tied to the non-inverting pin of one of the devices
amplifiers. When supplied with enough voltage headroom (≥ 2.5V) and cathode current (0.5mA typical), the
reference of the TL103Wx is forced to a fixed 2.5V. To not exceed the maximum cathode current, be sure that
the reference input is current limited. Unlike many linear regulators, the reference of the TL103W is internally
compensated to be stable without an output capacitor between the cathode and anode. If the reference is used
to supply a load, stability criteria shown in Figure 5-22 needs to be met.
Reference voltage tolerance varies based off the device grade chosen. At 25°C the TL103W features a
reference tolerance of 0.72%, while the TL103WA/TL103WB both feature reference tolerances of 0.44%.
6.3.2 Input Common Mode Range
The valid common mode range is from device ground to VCC+ – 1.5V (VCC+ – 2V across temperature). Inputs
may exceed VCC+ up to the absolute maximum voltage without device damage. At least one input must be in
the valid input common-mode range for the output to be the correct phase. If both inputs exceed the valid range,
then the output phase is undefined. If either input is more than 0.3V below VCC- then input current should be
limited to 1mA and the output phase is undefined.
TL103W, TL103WA, TL103WB
SLOS437R – APRIL 2004 – REVISED APRIL 2024
www.ti.com
12
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TL103W TL103WA TL103WB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com