Electronic Components Datasheet Search
  English  ▼

X  

M52C Datasheet(PDF) 1 Page - Tyco Electronics

Part # M52C
Description  Triple-Balanced Mixer
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

M52C Datasheet(HTML) 1 Page - Tyco Electronics

  M52C Datasheet HTML 1Page - Tyco Electronics M52C Datasheet HTML 2Page - Tyco Electronics M52C Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
!
"
!
"
!
"
! #
$
!
!
%&
&
'()
*
&
'()
+
&
'()
%& ,*+ - .
/
01&2+
13%4
(+
'( 5&2 6*-77+
&1 6&+1
-*8 9 +
,- /31,9 +
, (
"
2
#
:
!
;
<!
$
!
=;
!
>$ #
!
##
!
"
<! $ )
7 "
?= !< >$
!
:
: !
: $!
!
! #
!
" $
" <"
#
$
!
:= #
$
!
!
=
?
$
!
!$ ;
@ $
:=
-!A !
!
! !<
A
:
2+%@7 ,@
;2+%@7 ,@
2+%@, %@
;
! $
=
2
2 !#
2
5
723 5 !!
)
! " #!
$ " %&! '
( )
*
+,
-
.
/
-+
0
%1#2.
3#42
%5#2. 6
77/ 5 !A
! %
0
4B 77/ 1
<$
0
4
/
/
/
/
+
!;%
* 0 !4
%C
'()
%C
'()
/
/
+
!;%
+0 !4
%C
'()
%C
'()
/
/
/ 5 !A
! 5
#
%D .
/
/
.
+!#$ +6
* C
'()D @
/ ;* C
'()D @
/ ;
%C '()D
/
* C
'()D @
/ ;* C
'()D @
/ ;
%C
'()D
/
* C
'()D @
/ ;* C
'()D @
/ ;
%C
'()D
/
/
/
/
.
.
.
E " 2
5 #
!
## =
F5
. F5


Similar Part No. - M52C

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
M52C MACOM-M52C Datasheet
130Kb / 2P
TRIPLE-BALANCED MIXER
logo
M/A-COM Technology Solu...
M52C MA-COM-M52C Datasheet
1Mb / 3P
Triple-Balanced Mixer
M52C MA-COM-M52C Datasheet
1Mb / 3P
Triple-Balanced Mixer
M52C MA-COM-M52C_15 Datasheet
1Mb / 3P
Triple-Balanced Mixer
More results

Similar Description - M52C

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
M83 MACOM-M83 Datasheet
424Kb / 3P
Triple-Balanced Mixer
MY50A MACOM-MY50A Datasheet
395Kb / 3P
Triple-Balanced Mixer
MY87C MACOM-MY87C Datasheet
401Kb / 3P
Triple-Balanced Mixer
logo
M/A-COM Technology Solu...
M50C MA-COM-M50C Datasheet
1Mb / 3P
Triple-Balanced Mixer
M52C MA-COM-M52C Datasheet
1Mb / 3P
Triple-Balanced Mixer
MY51C MA-COM-MY51C Datasheet
163Kb / 3P
Triple-Balanced Mixer
MY87C MA-COM-MY87C Datasheet
157Kb / 3P
Triple-Balanced Mixer
MZ5010C MA-COM-MZ5010C Datasheet
152Kb / 3P
Triple-Balanced Mixer
MZ8810C MA-COM-MZ8810C Datasheet
139Kb / 3P
Triple-Balanced Mixer
MZ9313C MA-COM-MZ9313C Datasheet
133Kb / 3P
Triple-Balanced Mixer
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com