Electronic Components Datasheet Search
  English  ▼

X  

K7153236 Datasheet(PDF) 1 Page - PCTEL, Inc.

Part # K7153236
Description  406 – 430 MHz 440 – 470 MHz
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCTEL [PCTEL, Inc.]
Direct Link  https://www.pctel.com/
Logo PCTEL - PCTEL, Inc.

K7153236 Datasheet(HTML) 1 Page - PCTEL, Inc.

  K7153236 Datasheet HTML 1Page - PCTEL, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Gainflex antenna
406
– 430 MHz
440
– 470 MHz
• Shortened half-wave antenna
• Decoupled from the radio set
• 4 dB Gain
406
– 430 MHz, TNC connector,
length 330 mm, approx. 55 g,
without joint
440
– 470 MHz, TNC connector,
length 300 mm, approx. 50 g,
without joint
440
– 470 MHz, BNC connector,
length 300 mm, approx. 50 g,
without joint
Impedance
50
Ω
Gain
4 dB (ref. to quarter-wave whip)
Maximum load
20 W (at 50 °C ambient temperature)
Swivelling range of
Continuous ±125°
the joint
Material
Highly elastic, corrosion-proof
metal shaft in particularly
resistive black plastic cover.
Connector: Black chromium-
plated brass.
Insulant: Polycarbonate.
K 71 53 23 6
Type No. K 71 53 21 6
Ord. No. 510 076
Type No. K 71 53 23 6
Ord. No. 510 079
Type No. K 71 53 23 9
Ord. No. 510 081


Similar Part No. - K7153236

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
K7110-PROPLUS ETC2-K7110-PROPLUS Datasheet
5Mb / 64P
T O TA L L A M P S O LU T I O N S
logo
PCTEL, Inc.
K71162011 PCTEL-K71162011 Datasheet
188Kb / 1P
Magnet mount antenna
K711621 PCTEL-K711621 Datasheet
188Kb / 1P
Magnet mount antenna
K713226 PCTEL-K713226 Datasheet
198Kb / 1P
Multiflex antenna
K713229 PCTEL-K713229 Datasheet
198Kb / 1P
Multiflex antenna
More results

Similar Description - K7153236

ManufacturerPart #DatasheetDescription
logo
Johanson Technology Inc...
0430BL15A0100 JOHANSON-0430BL15A0100 Datasheet
205Kb / 2P
430 MHz 1:2 Balun
logo
KR Electronics, Inc.
2881 KR-2881 Datasheet
37Kb / 2P
440 MHz Center Frequency
3007 KR-3007 Datasheet
91Kb / 3P
430 MHz Lowpass Filter
3007-SMA KR-3007-SMA Datasheet
65Kb / 3P
430 MHz Lowpass Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA470FD TAI-SAW-TA470FD Datasheet
228Kb / 5P
SAW Filter 470 MHz
logo
Pulse A Technitrol Comp...
LMUHFBASEB PULSE-LMUHFBASEB Datasheet
395Kb / 3P
UHF 406-512 MHz
logo
TAI-SAW TECHNOLOGY CO.,...
TA1761A TAI-SAW-TA1761A Datasheet
444Kb / 6P
SAW Filter 440 MHz
TA1891A TAI-SAW-TA1891A Datasheet
280Kb / 7P
SAW Filter 440 MHz
TA2490A TAI-SAW-TA2490A Datasheet
857Kb / 6P
SAW Filter 440 MHz
logo
Yantel Corporation
DC0410U20-060 YANTEL-DC0410U20-060 Datasheet
303Kb / 4P
Directional Coupler 350 MHz-470 MHz
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com