Electronic Components Datasheet Search
  English  ▼

X  

K51164 Datasheet(PDF) 1 Page - PCTEL, Inc.

Part # K51164
Description  58 ... 300 MHz
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCTEL [PCTEL, Inc.]
Direct Link  https://www.pctel.com/
Logo PCTEL - PCTEL, Inc.

K51164 Datasheet(HTML) 1 Page - PCTEL, Inc.

  K51164 Datasheet HTML 1Page - PCTEL, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Magnet mount antenna
58 ... 300 MHz
58 ... 300 MHz,
0 dB gain (ref. to quarter-wave
whip),
supply length 1380 mm
Connection
Cable RG 058-PE 4 meters long
Tuning
By shortening the whip (please
note mounting instructions).
Maximum load
80 W
(at 50 °C ambient temperature)
Mounting
By attaching the antenna to a
steel surface of at least 1 m2
extension that should be as even
as possible.
Magnetic adhesive force:
Approx. 200 N.
Max. diameter at base
95 mm
Material
Whip: Stainless steel.
Swivel-joint parts:
Chromium-plated brass.
Magnetic base in shock-resistant
plastic housing.
Neoprene protection cover for
the adhesive surface of the
magnetic base.
Contents of delivery
Whip, base, cable,
protection cover.
Components
Type No.
(Ord. No.)
Whip
K 51 12 40 1
(510 349)
Protection cover
K 66 01 2
(510 156)
Danger
Use of antenna on stationary vehicle:
The magnet may lift off from vehicle even at slow
speed collision.
K 51 16 4
Type No. K 51 16 4
Ord. No. 510 351


Similar Part No. - K51164

ManufacturerPart #DatasheetDescription
logo
Knox Semiconductor, Inc
K511 KNOX-K511 Datasheet
33Kb / 1P
LOW LEVEL ZENER DIODES SHARP KNEE, LOW IMPEDANCE
logo
List of Unclassifed Man...
K5110-PROPLUS ETC2-K5110-PROPLUS Datasheet
5Mb / 64P
T O TA L L A M P S O LU T I O N S
More results

Similar Description - K51164

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BGO387 PHILIPS-BGO387 Datasheet
60Kb / 8P
300 MHz Optical receiver
2002 Dec 03
logo
Integrated Circuit Syst...
SF0300BA01973S ICST-SF0300BA01973S Datasheet
142Kb / 2P
300 MHz Filter
Rev 1.1
logo
Spectrum Microwave, Inc...
SF0300BA01973S SPECTRUM-SF0300BA01973S Datasheet
149Kb / 2P
300 MHz Filter
logo
API Technologies Corp
SF0300BA01973S APITECH-SF0300BA01973S Datasheet
149Kb / 2P
300 MHz Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TB0677A TAI-SAW-TB0677A Datasheet
447Kb / 8P
SAW Filter 300 MHz
logo
KR Electronics, Inc.
2897-SMA KR-2897-SMA Datasheet
75Kb / 3P
300 MHz Center Frequency
3245 KR-3245 Datasheet
150Kb / 3P
300 MHz Bandpass
logo
TAI-SAW TECHNOLOGY CO.,...
TA1976A TAI-SAW-TA1976A Datasheet
311Kb / 6P
SAW Filter 300 MHz
TB0677B TAI-SAW-TB0677B Datasheet
323Kb / 8P
SAW Filter 300 MHz
TC0319A TAI-SAW-TC0319A Datasheet
271Kb / 4P
SAW Resonator 300 MHz
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com