Electronic Components Datasheet Search
  English  ▼

X  

MHB Datasheet(PDF) 1 Page - PCTEL, Inc.

Part # MHB
Description  Base Loaded Field Tunable 3dB Gain Antennas
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCTEL [PCTEL, Inc.]
Direct Link  https://www.pctel.com/
Logo PCTEL - PCTEL, Inc.

MHB Datasheet(HTML) 1 Page - PCTEL, Inc.

  MHB Datasheet HTML 1Page - PCTEL, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
PCTEL, Inc. WEB: www.antenna.com
MOBILE ANTENNAS
MHB, MUF Series
* To select spring option, add suffix “S” to part number. Example: MUF4503S
These 5/8 Wave antennas utilize a chrome coil design with the enhancement of a
heavy-duty tapered rod for maximum durability in tough environments.
Features
• The matching coil is supported by a low loss coil for superior performance in heavy-
duty applications
• The tapered coil housing design enhances appearance and prevents moisture from
entering the load
• Mates with all 1-1/8” -18 thread mounts, including 3/4” mounts
Base Loaded Field Tunable 3dB Gain Antennas
MHBDC5800
MHB5800
ELECTRICAL SPECIFICATIONS
Model*
Frequency Range
Gain
VSWR
Maximum Power
Nominal Impedance
Antenna Type
MHB5800132
132-174 MHz
3 dB
< 1.5:1
200 watts
50 ohms
Base loaded 5/8 Wave
MHBDC5800(S)**
144-174 MHz
3 dB
< 1.5:1
200 watts
50 ohms
Base loaded 5/8 Wave
MHB5800(S)
144-174 MHz
3 dB
< 1.5:1
200 watts
50 ohms
Base loaded 5/8 Wave
MUF4503(S)
450-470 MHz
3 dB
< 1.5:1
200 watts
50 ohms
Base loaded 5/8 Wave
STANDARD CONFIGURATION
Model*
Optional Spring Available*
Recommended Mounts (Sold Separately)
MHB5800132
No
Mates with 1-1/8” -18 thread mounts, including 3/4” mounts
MHBDC5800(S)**
Yes
Mates with 1-1/8” -18 thread mounts, including 3/4” mounts
MHB5800(S)
Yes
Mates with 1-1/8” -18 thread mounts, including 3/4” mounts
MUF4503(S)
Yes
Mates with 1-1/8” -18 thread mounts, including 3/4” mounts
Base Loaded - 3dB Gain VHF & UHF Antennas
MECHANICAL SPECIFICATIONS
Model*
Approximate Whip Length at
Lowest Frequency
Temperature Range
Radiator
Spring Material
Housing Material
MHB5800132
58”
-40°C to +85°C
17-7 PH SS
N/A
Black UV-Stable Polymer
MHBDC5800(S)**
52”
-40°C to +85°C
17-7 PH SS
SST
Black UV-Stable Polymer
MHB5800(S)
52”
-40°C to +85°C
17-7 PH SS
SST
Black UV-Stable Polymer
MUF4503(S)
16”
-40°C to +85°C
17-7 PH SS
SST
Black UV-Stable Polymer
RoHS
COMPLIANT


Similar Part No. - MHB

ManufacturerPart #DatasheetDescription
logo
CIT Relay & Switch
MHB CIT-MHB Datasheet
142Kb / 2P
CIT SWITCH
logo
Cree, Inc
MHB-A CREE-MHB-A Datasheet
1Mb / 28P
Flexible 9-V, 18-V or 36-V options
Rev 2J
MHB-B CREE-MHB-B Datasheet
1Mb / 25P
Flexible 9-V, 18-V or 36-V options
Rev 1
logo
Mean Well Enterprises C...
MHB100 MEANWELL-MHB100 Datasheet
842Kb / 6P
100W DC-DC Half-Brick Regulated Single Output Converter
MHB100-24S05 MEANWELL-MHB100-24S05 Datasheet
842Kb / 6P
100W DC-DC Half-Brick Regulated Single Output Converter
More results

Similar Description - MHB

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1307023 MACOM-1307023 Datasheet
50Kb / 2P
Picocell Antennas
logo
List of Unclassifed Man...
A2543B ETC1-A2543B Datasheet
16Kb / 1P
LOW PROFILE ANTENNA 440-512 MHz 3dB gain
logo
MRV Communications, Inc...
EM800-OABT MRV-EM800-OABT Datasheet
1Mb / 2P
LambdaDriver짰 - Tunable Gain EDFA Optical Amplifi er
logo
Pulse A Technitrol Comp...
W1047 PULSE-W1047 Datasheet
158Kb / 5P
ANTENNAS
logo
Laird Tech Smart Techno...
RD2458-5 LSTD-RD2458-5 Datasheet
449Kb / 2P
Amplified antennas
logo
Pulse A Technitrol Comp...
YA3406WN PULSE-YA3406WN Datasheet
310Kb / 2P
BASE STATION ANTENNAS
logo
Laird Tech Smart Techno...
B4505CN LSTD-B4505CN Datasheet
814Kb / 2P
Base Loaded Mobile Antenna
logo
Taoglas antenna solutio...
MMBAEXTMA TAOGLAS-MMBAEXTMA Datasheet
3Mb / 30P
Torus Magnetic Mount Base For Taoglas External Antennas
logo
Linx Technologies
ANT-2.4-OC-LG LINX-ANT-2.4-OC-LG Datasheet
139Kb / 1P
Increased gain versus standard whip antennas
3-22-11
logo
PCTEL, Inc.
MFB PCTEL-MFB Datasheet
297Kb / 4P
Fiberglass Base Station Omnidirectional Antennas
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com