Electronic Components Datasheet Search
  English  ▼

X  

EV-101 Datasheet(PDF) 2 Page - Advanced Analogic Technologies

Part # EV-101
Description  Triple I/O Expander Load Switch with Serial Control
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

EV-101 Datasheet(HTML) 2 Page - Advanced Analogic Technologies

  EV-101 Datasheet HTML 1Page - Advanced Analogic Technologies EV-101 Datasheet HTML 2Page - Advanced Analogic Technologies EV-101 Datasheet HTML 3Page - Advanced Analogic Technologies EV-101 Datasheet HTML 4Page - Advanced Analogic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
EV-101
AAT4291 RGB EVAL
Triple I/O Expander Load Switch with Serial Control
2
EV-101.2005.01.1.0
Getting Started
The evaluation board comes with a battery pack
attached. In this configuration, V
IN is supplied from
three standard “AAA” alkaline batteries. Under new
conditions for the batteries, the input voltage is gen-
erally 4.7V ~ 4.8V and falls off depending on the
degree of discharge and load conditions. If desired,
the batteries can be removed and an independent,
DC supply can be used.
There are five buttons on the board. Their functions
are as follows:
•
SW1: Increments through the eight Output Set-
ting states (Table 2 in the product datasheet).
•
SW2: Increments B_LED duty cycle.
•
SW3: Increments G_LED duty cycle.
•
SW4: Increments R_LED duty cycle.
•
SW5: Brings EN/SET low (shuts down the
AAT4291 device).
Notes:
1.
Buttons 1 through 4 will automatically incre-
ment if held down.
2.
Buttons 2 through 4 are set up so that a user
can independently control the corresponding
R, G, or B LED brightness. This is done by
incrementing the PWM duty cycle through the
following states: 0%, 25%, 50%, 75%, 100%,
0%, …
The PIC microcontroller toggles the EN/SET line
high and low at 500kHz. The rise and fall times of
the EN/SET signal are small relative to the period,
so T
HI and TLO are roughly 1µs (see Figure 1). THI
and T
LO depend on the µC's internal RC oscillator,
so the 1µs reference is an approximate figure and
subject to the precision of the RC oscillator.
Figure 2: Typical EN/SET Signal.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com