| Electronic Components Datasheet Search |
|
VG204XM Datasheet(PDF) 5 Page - Cisco Systems, Inc. |
|
|
|||||||||||||||||||||||||||||
VG204XM Datasheet(HTML) 5 Page - Cisco Systems, Inc. |
|
5 / 9 page ![]() © 2013 Cisco and/or its affiliates. All rights reserved. This document is Cisco Public Information. Page 5 of 9 Protocols Supported The voice gateways support the following protocols: ● SCCP ● H.323v4 ● MGCP ● SIP ● Real-Time Transport Protocol (RTP) ● Secure Real-Time Transport Protocol (SRTP) ● Trivial File Transfer Protocol (TFTP) ● HTTP server ● Simple Network Management Protocol (SNMP) ● Telnet ● Dynamic Host Configuration Protocol (DHCP) ● Domain Name System (DNS) ● Cisco Unified Communications Manager or Cisco Unified Communications Manager Express redundancy support using Hot Standby Router Protocol (HSRP) ● Call survivability - MGCP failover to an H.323 connection to the SRST router ● Cisco Fax Relay, T.38 fax relay, and modem pass-through ● Coder/decoder (codec) support, G.711, and G.729a ● RADIUS and TACACS+ for Telnet and authorization Technical Specifications Table 2 lists technical specifications of the gateways. Table 2. Technical Specifications Category Cisco VG350 Cisco VG224 Cisco VG204XM and VG202XM System Processor High-performance multicore processors RISC processor Power QUICC (power PC-based) processor Memory (default) 1-GB synchronous dynamic RAM (SDRAM) 256-MB SDRAM 256-MB double data rate 2 (DDR2) RAM Compact Flash 256 MB 128 MB, one slot Type II 128-MB NAND Flash Ethernet Up to three 10/100/1000 Ethernet WAN ports are supported Two of the 10/100/1000 Ethernet WAN ports can support Small Form- Factor Pluggable (SFP)-based connectivity instead of RJ-45 ports, enabling fiber connectivity Two 10/100BASE-T Ethernet ports Two 10/100BASE-T Ethernet ports Console and auxiliary (maximum) A new, innovative, mini-B USB console port supports management connectivity when traditional serial ports are not available Traditional console and auxiliary ports are also available Up to 119.2 kbps per port Up to 115.2 kbps per port |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |