Electronic Components Datasheet Search
  English  ▼

X  

GS2100MIP Datasheet(PDF) 2 Page - Telit loT Solutions

Part # GS2100MIP
Description  GS2100M Low Power, High Speed 802.11b/g/n module Smart Energy, Cost Optimized
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELIT [Telit loT Solutions]
Direct Link  https://www.telit.com/
Logo TELIT - Telit loT Solutions

GS2100MIP Datasheet(HTML) 2 Page - Telit loT Solutions

  GS2100MIP Datasheet HTML 1Page - Telit loT Solutions GS2100MIP Datasheet HTML 2Page - Telit loT Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
© 2013. GainSpan Corporation; http://www.gainspan.com• info@gainspan.com
@GainSpan
GS2100M PB v1.3
PR O D UCT B RI E F - P R E L I M I N AR Y
GS2100M MODULE SPECIFICATIONS
Radio Protocol
IEEE 802.11b/g/n
Pin Count
40 pins
RF Output Power (Typical)
+15 dBm (802.11b), +11 dBM (802.11n)
Rx Sensitivity
-95 dBm
Wake From Standby Time
1 ms (1 millisecond)
RF Operating Frequency
2.4 - 2.495 GHz
Supported Data Rates
72, 65, 58, 43, 29, 22, 14, 7 Mbps (802.11n), 54, 48, 36, 24, 18, 12, 9, 6 Mbps
(802.11g) 11, 5.5, 2, 1 Mbps (802.11b)
Antenna Options
External antenna (u.FL connector) or Internal PCB trace antenna
Operating Temperature
-40
° to +85°C
Security Protocols
WPA/WPA2 - Personal, WPA/WPA2 - Enterprise (PEAP, EAP-FAST, EAP-TLS,
EAP-TTLS), WEP, TLS/SSL Client and Server, HTTPs
Networking Protocols
TCP, UDP, IPv4, IPv6, TLS Client and Server, SNTP client, DHCP Client and Server
v4, DHCP Client and Server v6, DNS Client and Server, mDNS, DNS-SD, HTTP
Client and Server, and XML Parser
Certifications and Compliance
FCC, IC, TELEC, ETSI, RoHS, Wi-Fi CERTIFIED, Wi-Fi Direct, WPS 2.0, SEP 2.0
I/O Interfaces
SPI, UART, SDIO, I
2C, GPIO, ADC (16 bit), ADC (12 bit), JTAG
Host Connections
SPI, UART, SDIO (typically to an external microcontroller)
Internal Flash
2 MB
Outline Dimensions
18 mm x 25 mm x 2.5 mm (shield)
I/O Voltage
2.7-3.6V
Operating Voltage
2.7-3.6V
VBAT
1.6-3.6V
TARGET APPLICATIONS
The GainSpan GS2100M module is easily designed into embedded systems, allowing customers to develop a broad array of
devices and appliances that connect to other local devices or the Internet over Wi-Fi.
Applications include smart energy,
healthcare and fitness, industrial controls, commercial building automation, and consumer electronics.
GS2100 Block Diagram



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com