Electronic Components Datasheet Search
  English  ▼

X  

MXT2 Datasheet(PDF) 3 Page - MERITEK ELECTRONICS CORPORATION

Part # MXT2
Description  32.768 Crystal Unit 2.0 x 1.2mm KHz Tuning Fork
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

MXT2 Datasheet(HTML) 3 Page - MERITEK ELECTRONICS CORPORATION

  MXT2 Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION MXT2 Datasheet HTML 2Page - MERITEK ELECTRONICS CORPORATION MXT2 Datasheet HTML 3Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Meritek Electronics Corporation | www.meritekusa.com
Rev.3c 03/15/24
32.768 Crystal Unit
2.0 x 1.2mm KHz Tuning Fork
ERITEK
DIMENSIONS – MXTx Series
Unit: mm
Series
Size
Pad
L
W
T max
Bx
By
E1
X
Y
G1
MXT1
1610
2
1.6 ±0.1
1.0 ±0.1
0.50
0.40
0.86
0.66
0.50
1.00
0.60
MXT2
2012
2
2.0 ±0.1
1.2 ±0.1
0.60
0.50
1.00
0.80
0.75
1.40
0.70
MXT3
3215
2
3.2 ±0.1
1.5 ±0.1
0.80
0.65
1.30
1.70
1.10
1.90
1.40
MXT4
4115
2
4.1 ±0.1
1.5 ±0.1
0.85
0.60
1.30
2.70
1.10
1.90
2.30
MXT5
4918
2
4.9 ±0.15
1.8 ±0.15
1.00
0.75
1.60
3.20
1.30
2.20
2.90
PACKAGING SPECIFICATION
Series
Size
Reel Dimension (mm)
Tape Dimensions (mm)
A
B
C
D
Dia
Pcs/Reel
A0
B0
d
E
F
K0
P0
P1
T
W
MXT1
1610
9.0
60
13.0
180
178
3000
1.25
1.85
1.50
1.75
3.5
0.7
4.0
4.0
0.25
8.0
MXT2
2012
9.0
60
13.0
180
178
3000
1.40
2.25
1.50
1.75
3.5
0.8
4.0
4.0
0.25
8.0
MXT3
3215
12.4
60
13.0
180
178
3000
1.90
3.60
1.50
1.75
5.5
1.0
4.0
4.0
0.30
12.0
MXT4
4115
12.4
60
13.0
180
178
3000
1.90
4.60
1.50
1.75
5.5
1.0
4.0
4.0
0.30
12.0
MXT5
4918
12.4
60
13.0
180
178
3000
2.20
5.50
1.50
1.75
5.5
1.0
4.0
4.0
0.30
12.0
Note: Specifications subject to change without notice.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com