Electronic Components Datasheet Search
  English  ▼

X  

MXT4 Datasheet(PDF) 1 Page - MERITEK ELECTRONICS CORPORATION

Part # MXT4
Description  32.768 Crystal Unit 2.0 x 1.2mm KHz Tuning Fork
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

MXT4 Datasheet(HTML) 1 Page - MERITEK ELECTRONICS CORPORATION

  MXT4 Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION MXT4 Datasheet HTML 2Page - MERITEK ELECTRONICS CORPORATION MXT4 Datasheet HTML 3Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Meritek Electronics Corporation | www.meritekusa.com
Rev.3c 03/15/24
32.768 Crystal Unit
2.0 x 1.2mm KHz Tuning Fork
ERITEK
FEATURE
• Ultra Small Industrial Package
• Surface Mount Low Profile
• Seam Sealed Ceramic Package
• Applications: Measuring Instruments, Clock Source,
Communications, A/V Equipment, Bluetooth
ELECTRICAL CHARACTERISTICS
Item
Min
Typ
Max
Units
Nominal Frequency Range
-
32.768
-
KHz
Frequency Tolerance
at 25°C ± 3°C
±5
±20
±50
ppm
Frequency Temperature Curve
-0.03 ±0.01
ppm/(°C)2
Turnover Temperature
20
25
30
°C
Operating Temperature Range
-40
-
+85
Storage Temperature Range
-55
-
+125
Load Capacitance, CL
6
-
12.5
pF
Shunt Capacitance, C0
-
1.3
7.0
Equivalent Series Resistance
-
70
-
KΩ
Capacitance Ratio
-
450
-
--
Q Value
-
10000
-
--
Drive Level
-
0.1
0.5
μW
Insulation Resistance,
at 100VDC
500
-
-
MΩ
Frequency Aging First Year at 25°C ± 3°C
-5
-
5
ppm
Moisture Sensitivity Level, MSL
Level 1 (J-STD-033)
--
Note: see the parts number system for other options
DIMENSIONS
Unit: mm
Size
L
W
T
Bx
By
E1
X
Y
G1
2012
2.0 ±0.1
1.2 ±0.1
0.6 max
0.5 ±0.1
1.0 ±0.1
0.8
0.75
1.4
0.7


Similar Part No. - MXT4

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MXT429C/D MAXIM-MXT429C/D Datasheet
236Kb / 6P
High-Speed, 6A Single MOSFET Drivers
Rev 0; 11/92
MXT429CPA MAXIM-MXT429CPA Datasheet
236Kb / 6P
High-Speed, 6A Single MOSFET Drivers
Rev 0; 11/92
MXT429CSA MAXIM-MXT429CSA Datasheet
236Kb / 6P
High-Speed, 6A Single MOSFET Drivers
Rev 0; 11/92
MXT429EPA MAXIM-MXT429EPA Datasheet
236Kb / 6P
High-Speed, 6A Single MOSFET Drivers
Rev 0; 11/92
MXT429ESA MAXIM-MXT429ESA Datasheet
236Kb / 6P
High-Speed, 6A Single MOSFET Drivers
Rev 0; 11/92
More results

Similar Description - MXT4

ManufacturerPart #DatasheetDescription
logo
MICORO CRYSTAL SWITZERL...
CC7V-T1A MICROCRYSTAL-CC7V-T1A Datasheet
124Kb / 2P
Tuning Fork Crystal 32.768 kHz
CM7V-T1A0.4 MICROCRYSTAL-CM7V-T1A0.4 Datasheet
191Kb / 2P
Tuning Fork Crystal 32.768 kHz
CM7V-T1A_0.3 MICROCRYSTAL-CM7V-T1A_0.3 Datasheet
115Kb / 2P
Tuning Fork Crystal 32.768 kHz
CC8V-T1A MICROCRYSTAL-CC8V-T1A Datasheet
97Kb / 2P
Tuning Fork Crystal 32.768 kHz
CC8V-T1A MICROCRYSTAL-CC8V-T1A_17 Datasheet
1,004Kb / 2P
Tuning Fork Crystal 32.768 kHz
CM7V-T1A MICROCRYSTAL-CM7V-T1A_16 Datasheet
255Kb / 2P
Tuning Fork Crystal 32.768 kHz
CM7V-T1ALOWESR MICROCRYSTAL-CM7V-T1ALOWESR_16 Datasheet
257Kb / 2P
Tuning Fork Crystal 32.768 kHz
CM8V-T1A0.3 MICROCRYSTAL-CM8V-T1A0.3_17 Datasheet
808Kb / 2P
Tuning Fork Crystal 32.768 kHz
CM9V-T1A MICROCRYSTAL-CM9V-T1A_16 Datasheet
286Kb / 2P
Tuning Fork Crystal 32.768 kHz
CM8V-T1A MICROCRYSTAL-CM8V-T1A_18 Datasheet
811Kb / 2P
Tuning Fork Crystal 32.768 kHz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com