Electronic Components Datasheet Search
  English  ▼

X  

SCDP-X Datasheet(PDF) 22 Page - Neutrik AG

Part # SCDP-X
Description  Circular Connectors
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEUTRIK [Neutrik AG]
Direct Link  https://www.neutrik.us/en-us
Logo NEUTRIK - Neutrik AG

SCDP-X Datasheet(HTML) 22 Page - Neutrik AG

Back Button SCDP-X Datasheet HTML 16Page - Neutrik AG SCDP-X Datasheet HTML 17Page - Neutrik AG SCDP-X Datasheet HTML 18Page - Neutrik AG SCDP-X Datasheet HTML 19Page - Neutrik AG SCDP-X Datasheet HTML 20Page - Neutrik AG SCDP-X Datasheet HTML 21Page - Neutrik AG SCDP-X Datasheet HTML 22Page - Neutrik AG SCDP-X Datasheet HTML 23Page - Neutrik AG SCDP-X Datasheet HTML 24Page - Neutrik AG  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
setting standards
22
NC3FAH1-B-0-D
Part
Number
Guide
Definitions, abbreviations & useful information see page 21.
Packaging:
D
Cable connector: bulk packed
Assembly:
D
Chassis connector: disassembled push latch
Retention:
w/o
Latch lock
-0
Retention spring
-DA
Asymmetric PUSH
Shell:
B
Black shell, gold contacts
BAG
Black shell, silver contacts
Grounding:
0
Separate ground contact connected to shell, male only
1
Pin 1 & panel & shell connected, no separate ground contact
2
Separate ground contact connected to shell & panel, separate Pin 1
E
Additional ground contacts
w/o number
No ground / shell contact (except 4 / 5 pole), female only
Termination:
H
Horizontal PCB mount
HL
Laterial left PCB mount
HR
Laterial right PCB mount
L
Solder cups
V
Verticale PCB mount
Y
IDC for wires (no ground)
M3
Mounting holes with M 3 thread
M25
Mounting holes with M 2.5 thread
-
Not applicable
Series:
A, AA, B, D, DL, DLX, MPR, P, PX, RX, X, XX
Gender:
F
Female
M
Male
Number of Contacts: 2, 3, 4, 5, 6, 7, 8, 12
Connector Type:
A
Adapter
AC
powerCON
B
BNC
C
XLR
D
dummyPLUG
E
etherCON - RJ45
F
RCA / CINCH
J (MJ, RJ, SJ)
Jack
K
Cable Assembly
L
speakON - Loudspeaker
M
Module
O
opticalCON - Fiber Optic Connector
P
Plug
PP
Patch Panel
R
Circular Connector
T
Transformer
TOP
True Outdoor Protection
Neutrik ® Part
Number
Guide



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com