Electronic Components Datasheet Search
  English  ▼

X  

2X10 Datasheet(PDF) 1 Page - Belden Inc.

Part # 2X10
Description  MachFlex™ 350YY, 2C 10 mm² Str BC, PVC Ins, PVC Jkt
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

2X10 Datasheet(HTML) 1 Page - Belden Inc.

  2X10 Datasheet HTML 1Page - Belden Inc. 2X10 Datasheet HTML 2Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product: 2X10
MachFlex™ 350YY, 2C 10 mm² Str BC, PVC Ins, PVC Jkt
Product Description
MachFlex™ 350YY Control VDE Certified, 2 Conductor 10 mm² Stranded Bare Copper, PVC Insulation, PVC Jacket
Technical Specifications
Product Overview
Suitable Applications:
Applicable for occasional flexing or fixed installation connecting precision control sensors, multi axis control machines, temperature controllers, control panels, machine cutting
tools, auxiliary equipment, motor speed control, production machinery and many more.
Construction Details
Conductor
Element
No. of Elements
Size
Stranding Stranding Class
Material
Conductor(s) 2
10 mm² Stranded
Class 5
BC - Bare Copper
Insulation
Element
Material
Color Code
Conductor(s) PVC - Polyvinyl Chloride Black #1, Black #2
Outer Jacket
Material
PVC - Polyvinyl Chloride
Overall Cable Diameter
(Nominal):
13.8 mm (0.543 in)
Electrical Characteristics
Voltage
Voltage Rating
300/500 V (Max. Operating Voltage)
Mechanical Characteristics
Temperature
Operating
Installation
-15°C to +70°C(Occasional movement) -40°C to +80°C(Fixed installation)
Bend Radius
Installation Min.
Flexing Min.
55.2 mm (2.17 in) 138 mm (5.43 in)
Bulk Cable Weight:
350 kg/km (240 lbs/1000ft)
Standards and Compliance
Environmental Suitability:
Indoor, Outdoor, Oil Resistance - EN 50290-2-22 (TM54)
Flammability / Reaction to
Fire:
IEC 60332-1-2, DIN VDE 048233212, DIN EN 6033212
Third Party Performance
Verification:
VDE Certification No. 40041970, VDE Registration No. 8770


Similar Part No. - 2X10

ManufacturerPart #DatasheetDescription
logo
XFMRS Inc.
2X1006VP XFMRS-2X1006VP Datasheet
40Kb / 1P
TOROIDAL INDUCTOR
logo
Belden Inc.
2X10CY BELDEN-2X10CY Datasheet
140Kb / 2P
MachFlex™ 350CY, 2 C 10mm² Str BC, PVC Ins, PVC Inner Jkt, TCBS, PVC Outer Jkt
03-27-2024
2X10CY-010100M BELDEN-2X10CY-010100M Datasheet
140Kb / 2P
MachFlex™ 350CY, 2 C 10mm² Str BC, PVC Ins, PVC Inner Jkt, TCBS, PVC Outer Jkt
03-27-2024
2X10CY-010200M BELDEN-2X10CY-010200M Datasheet
140Kb / 2P
MachFlex™ 350CY, 2 C 10mm² Str BC, PVC Ins, PVC Inner Jkt, TCBS, PVC Outer Jkt
03-27-2024
2X10CY-010300M BELDEN-2X10CY-010300M Datasheet
140Kb / 2P
MachFlex™ 350CY, 2 C 10mm² Str BC, PVC Ins, PVC Inner Jkt, TCBS, PVC Outer Jkt
03-27-2024
More results

Similar Description - 2X10

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
7200A BELDEN-7200A Datasheet
236Kb / 3P
MachFlex?? 1 Pr #24 Str BC, PO Ins, OSTC Brd, PVC Jkt, CM
7201A BELDEN-7201A Datasheet
238Kb / 3P
MachFlex?? 2 Pr #24 Str BC, PO Ins, OSTC Brd, PVC Jkt, CM
7202A BELDEN-7202A Datasheet
241Kb / 3P
MachFlex?? 3 Pr #24 Str BC, PO Ins, OSTC Brd, PVC Jkt, CM
7203A BELDEN-7203A Datasheet
248Kb / 3P
MachFlex?? 4 Pr #24 Str BC, PO Ins, OSTC Brd, PVC Jkt, CM
8678 BELDEN-8678 Datasheet
153Kb / 2P
Electronic, 2 C #10 Str BC, PVC Ins, PVC Jkt
05-05-2023
8456 BELDEN-8456 Datasheet
218Kb / 2P
Electronic, 10 C #22 Str TC, PVC Ins, PVC Jkt, CMG
01-20-2023
8484 BELDEN-8484 Datasheet
144Kb / 2P
Electronic, 4 C #20 Str BC, PVC Ins, PVC Jkt
05-05-2023
32P1620 BELDEN-32P1620 Datasheet
149Kb / 2P
Inst PVC/PVC, 20 Pr #16 Str BC, PVC Ins E1, IS/OS, Blk PVC Jkt, 300V
04-14-2023
19140 BELDEN-19140 Datasheet
143Kb / 2P
Portable Cordage, 2 C #18 Str BC, PVC Ins, PVC Jkt, UL Type SVT
05-05-2023
19362 BELDEN-19362 Datasheet
142Kb / 2P
Portable Cordage, 3 C #18 Str BC, PVC Ins, PVC Jkt, UL Type SJT
01-20-2023
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com