Electronic Components Datasheet Search
  English  ▼

X  

707174 Datasheet(PDF) 3 Page - PCTEL, Inc.

Part # 707174
Description  Smarteq™ LP400 Low Profile ISM Band Antenna
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCTEL [PCTEL, Inc.]
Direct Link  https://www.pctel.com/
Logo PCTEL - PCTEL, Inc.

707174 Datasheet(HTML) 3 Page - PCTEL, Inc.

  707174 Datasheet HTML 1Page - PCTEL, Inc. 707174 Datasheet HTML 2Page - PCTEL, Inc. 707174 Datasheet HTML 3Page - PCTEL, Inc. 707174 Datasheet HTML 4Page - PCTEL, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
Smarteq™ LP400 Low Profile
ISM Band Antenna
ISM/LoRa/LPWAN - Low Profile Whipless
> pctel.com/antenna-products
SPECIFICATIONS
DATASHEET ID 550 020 H
Mechanical and Environmental Specifications
All Models
Dimensions (LxWxH)
190 x 80 x 25 mm
Cable
RG316 LOHS, 1 m
Other cable lengths available upon request
Connector
SMA(m)
Other connectors available upon request
Weight
~150g
Housing Material
PC, ABS
Color
Grey
Operating / Storage Temperature
-40°C to +85°C
IP Class
IP44
Certification
RoHS compliant
Electrical Specifications
Model Number
707172
707174
Frequency Ranges
444 MHz ± 1MHz
433 MHz ± 1MHz
Impedance
50Ω
Polarization
Linear vertical
VSWR
1.5:1
Gain
0 dBd (2.15 dBi)
Max. Power
5 W
DC Short
Yes



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com