Electronic Components Datasheet Search
  English  ▼

X  

BCC0EHA Datasheet(PDF) 1 Page - Balluff Korea Ltd.

Part # BCC0EHA
Description  Double-Ended Cordsets
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BALLUFF [Balluff Korea Ltd.]
Direct Link  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BCC0EHA Datasheet(HTML) 1 Page - Balluff Korea Ltd.

  BCC0EHA Datasheet HTML 1Page - Balluff Korea Ltd. BCC0EHA Datasheet HTML 2Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Double-Ended Cordsets
BCC W314-W314-30-304-SW0434-015
Order Code: BCC0EHA
Internet
www.balluff.com
eCl@ss 9.1: 27-06-03-11
Subject to change without notice: 230590
ETIM 6.0: EC001855
BCC0EHA_0.93_2023-12-20
1 / 2
Basic features
Application
Welding area
Approval/Conformity
CE
cULus
WEEE
Electrical connection
Bending radius min., fixed cable
10 x D
Bending radius min., flexible cable
15 x D
Cable
Silicone welding spark resistant
black, 1.5 m
Cable diameter D
5.70 mm ±0.25 mm
Conductor cross-section
0.34 mm²
Connection 1
M8x1-Female, straight, 4-pin, A-
coded
Connection 2
M8x1-Male, straight, 4-pin, A-
coded
Number of conductors
4
System
Molded/Molded
Electrical data
Operating voltage Ub
60 VDC / 60 VAC
Rated current (40 °C)
4.0 A
Environmental conditions
Cable temperature UL max., fixed routing 150 °C
Cable temperature UL max., flexible
routing
150 °C
Cable temperature, fixed routing
-40...200 °C
Cable temperature, flexible routing
-25...200 °C
IP rating
IP65/IP65
Interface
Switching output
Complementary
Material
Cable jacket material, note
welding spark resistant
Cable jacket, material
Silicone
Material contact carrier
PUR, special/PUR, special
Material contacts
Bronze/Brass
Material cover nut
Brass
PTFE coated/Brass
PTFE coated
Material grip
PUR, special/PUR, special
Mechanical data
Cable jacket, color
black
Cable length L
1.50 m
Tightening torque pigtail
0.4 Nm/0.4 Nm
Remarks
Cable construction acc. to UL-AWM Style 4535
Halogen-free per IEC 60754
Maximum temperature at outer jacket from weld spatter/beads short-time 800°C.
Enclosure rating per IEC 60529, only in screwed state with the associated mating piece.


Similar Part No. - BCC0EHA

ManufacturerPart #DatasheetDescription
logo
Balluff Korea Ltd.
BCC0EH0 BALLUFF-BCC0EH0 Datasheet
95Kb / 2P
Double-Ended Cordsets
2023-12-20
BCC0EH1 BALLUFF-BCC0EH1 Datasheet
95Kb / 2P
Double-Ended Cordsets
2023-12-20
BCC0EH2 BALLUFF-BCC0EH2 Datasheet
95Kb / 2P
Double-Ended Cordsets
2023-12-20
BCC0EH3 BALLUFF-BCC0EH3 Datasheet
95Kb / 2P
Double-Ended Cordsets
2023-12-20
BCC0EH4 BALLUFF-BCC0EH4 Datasheet
95Kb / 2P
Double-Ended Cordsets
2023-12-20
More results

Similar Description - BCC0EHA

ManufacturerPart #DatasheetDescription
logo
Balluff Korea Ltd.
BCC0FCK BALLUFF-BCC0FCK Datasheet
106Kb / 2P
Double-Ended Cordsets
0.5_2022-07-15
BCC0KU2 BALLUFF-BCC0KU2 Datasheet
112Kb / 2P
Double-Ended Cordsets
0.38_2022-08-01
BCC0KU3 BALLUFF-BCC0KU3 Datasheet
112Kb / 2P
Double-Ended Cordsets
0.4_2022-08-01
BCC0KY7 BALLUFF-BCC0KY7 Datasheet
113Kb / 2P
Double-Ended Cordsets
0.4_2022-07-15
BCC0LL5 BALLUFF-BCC0LL5 Datasheet
110Kb / 2P
Double-Ended Cordsets
1_2021-03-01
BCC0LL9 BALLUFF-BCC0LL9 Datasheet
111Kb / 2P
Double-Ended Cordsets
1_2021-03-01
BCC0LN3 BALLUFF-BCC0LN3 Datasheet
108Kb / 2P
Double-Ended Cordsets
0.4_2022-07-15
BCC0LP6 BALLUFF-BCC0LP6 Datasheet
122Kb / 2P
Double-Ended Cordsets
0.48_2022-07-15
BCC0LPA BALLUFF-BCC0LPA Datasheet
111Kb / 2P
Double-Ended Cordsets
0.4_2022-08-08
BCC0LPC BALLUFF-BCC0LPC Datasheet
111Kb / 2P
Double-Ended Cordsets
0.38_2022-08-08
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com