Electronic Components Datasheet Search
  English  ▼

X  

STTH806DTI Datasheet(PDF) 4 Page - STMicroelectronics

Part # STTH806DTI
Description  Tandem 600V HYPERFAST BOOST DIODE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH806DTI Datasheet(HTML) 4 Page - STMicroelectronics

  STTH806DTI Datasheet HTML 1Page - STMicroelectronics STTH806DTI Datasheet HTML 2Page - STMicroelectronics STTH806DTI Datasheet HTML 3Page - STMicroelectronics STTH806DTI Datasheet HTML 4Page - STMicroelectronics STTH806DTI Datasheet HTML 5Page - STMicroelectronics STTH806DTI Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
STTH806DTI
4/6
®
Fig. 7: Softness factor versus dIF/dt (typical
values).
Fig. 8: Relative variation of dynamic parameters
versus junction temperature (reference: Tj= 125°C).
Fig. 9: Transient peak forward voltage versus
dIF/dt (typical values).
Fig. 10: Forward recovery time versus dIF/dt
(typical values).
0
50
100
150
200
250
300
350
400
450
500
0.0
0.1
0.2
0.3
0.4
0.5
0.6
S
I <2xI
T =125°C
F
F(AV)
j
V =400V
R
dI /dt(A/µs)
F
25
50
75
100
125
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
T (°C)
j
I=I
Reference: T =125°C
FF(AV)
j
V =400V
R
IRM
S
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
0
50
100
150
200
250
300
350
400
450
500
V
(V)
FP
I=I
T =125°C
F
F(AV)
j
dI /dt(A/µs)
F
0
20
40
60
80
100
120
140
160
180
200
0
100
200
300
400
500
t (ns)
fr
dI /dt(A/µs)
F
I=I
T =125°C
FF(AV)
j
V
=1.1 x V max.
FR
F



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com