Electronic Components Datasheet Search
  English  ▼

X  

MMBD4448HTW Datasheet(PDF) 1 Page - Won-Top Electronics

Part # MMBD4448HTW
Description  SURFACE MOUNT FAST SWITCHING DIODE ARRAY
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

MMBD4448HTW Datasheet(HTML) 1 Page - Won-Top Electronics

  MMBD4448HTW Datasheet HTML 1Page - Won-Top Electronics MMBD4448HTW Datasheet HTML 2Page - Won-Top Electronics MMBD4448HTW Datasheet HTML 3Page - Won-Top Electronics MMBD4448HTW Datasheet HTML 4Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© Won-Top Electronics Co., Ltd.
www.wontop.com
Revision: May, 2014
1
Pb
Features
Isolated Triple Diode
L
Fast Switching
Surface Mount Package Ideally Suited for
Automatic Insertion
For General Purpose Switching Applications
B
C
Plastic Material – UL Recognition Flammability
Classification 94V-0
M
E
D
H
Mechanical Data
Case: SOT-363, Molded Plastic
Terminals: Plated Leads Solderable per
J
MIL-STD-202, Method 208
Polarity: See Diagram
Weight: 0.006 grams (approx.)
Mounting Position: Any
Marking: KAA
Lead Free: For RoHS / Lead Free Version,
Add “-LF” Suffix to Part Number, See Page 4
TOP VIEW
Maximum Ratings @TA=25°C unless otherwise specified
Characteristic
Symbol
Value
Unit
Non-Repetitive Peak Reverse Voltage
VRSM
100
V
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
80
V
Repetitive Peak Forward Current
IFRM
500
mA
Continuous Forward Current
IO
250
mA
Non-Repetitive Peak Forward Surge Current
@ t = 1.0µs
@ t = 1.0s
IFSM
4.0
1.0
A
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Power Dissipation (Note 1)
PD
200
mW
Thermal Resistance, Junction to Ambient (Note 1)
RθJA
625
°C/W
Note: 1. Mounted on FR-4 PC board with minimum recommended pad layout.
MMBD4448HTW
SURFACE MOUNT FAST SWITCHING DIODE ARRAY
WON-TOP ELECTRONICS
®
SOT-363
Dim
Min
Max
A
0.10
0.30
B
1.15
1.35
C
2.00
2.30
D
0.65 Typical
E
0.40
0.50
H
1.80
2.20
J
—
0.10
K
1.0 Typical
L
0.25
0.40
M
0.10
0.22
All Dimensions in mm
A
K


Similar Part No. - MMBD4448HTW

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MMBD4448HTW DIODES-MMBD4448HTW Datasheet
77Kb / 3P
SURFACE MOUNT FAST SWITCHING DIODE ARRAY
DS30153 Rev. 7 - 2
MMBD4448HTW DIODES-MMBD4448HTW Datasheet
440Kb / 4P
SURFACE MOUNT FAST SWITCHING DIODE ARRAY
DS30153 Rev. 14 - 2
logo
Guangdong Kexin Industr...
MMBD4448HTW KEXIN-MMBD4448HTW Datasheet
42Kb / 2P
Surface Mount Fast Switching Diode Array
logo
Weitron Technology
MMBD4448HTW WEITRON-MMBD4448HTW Datasheet
2Mb / 4P
Surface Mount Switching Multi-Chip Diode Array
logo
SeCoS Halbleitertechnol...
MMBD4448HTW SECOS-MMBD4448HTW Datasheet
1Mb / 2P
Surface Mount Switching Diode Array
More results

Similar Description - MMBD4448HTW

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MMBD4448HTM DIODES-MMBD4448HTM Datasheet
65Kb / 2P
SURFACE MOUNT FAST SWITCHING DIODE ARRAY
DS30302 Rev. A-2
MMBD4448HTM DIODES-MMBD4448HTM_1 Datasheet
336Kb / 3P
SURFACE MOUNT FAST SWITCHING DIODE ARRAY
DS30302 Rev. 5 - 2
logo
Comchip Technology
CDSV6-4448C2 COMCHIP-CDSV6-4448C2 Datasheet
85Kb / 2P
Surface Mount FAST Switching Diode ARRAY
logo
Guangdong Kexin Industr...
MMBD4148TW KEXIN-MMBD4148TW Datasheet
42Kb / 2P
Surface Mount Fast Switching Diode Array
MMBD4448HTW KEXIN-MMBD4448HTW Datasheet
42Kb / 2P
Surface Mount Fast Switching Diode Array
KAS19W KEXIN-KAS19W Datasheet
51Kb / 1P
Surface Mount Fast Switching Diode Array
KAS16TW KEXIN-KAS16TW Datasheet
44Kb / 1P
Surface Mount Fast Switching Diode Array
logo
Pan Jit International I...
MMBD4448W6 PANJIT-MMBD4448W6 Datasheet
240Kb / 3P
SURFACE MOUNT FAST SWITCHING DIODE ARRAY
logo
Diodes Incorporated
BAS16TWQ DIODES-BAS16TWQ Datasheet
206Kb / 4P
SURFACE MOUNT FAST SWITCHING DIODE ARRAY
Rev 2
logo
Rectron Semiconductor
BAS21TW RECTRON-BAS21TW Datasheet
115Kb / 4P
SURFACE MOUNT FAST SWITCHING DIODE ARRAY
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com