Electronic Components Datasheet Search
  English  ▼

X  

NACZF Datasheet(PDF) 2 Page - NIC-Components Corp.

Part # NACZF
Description  Surface Mount Aluminum Electrolytic Capacitors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NACZF Datasheet(HTML) 2 Page - NIC-Components Corp.

  NACZF Datasheet HTML 1Page - NIC-Components Corp. NACZF Datasheet HTML 2Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
28
®
NIC COMPONENTS CORP. www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
29
®
NIC COMPONENTS CORP.
.niccomp.
.lowESR.
.RFpassives.
w.SMTmagnetics.
Surface Mount Aluminum Electrolytic Capacitors NACZF Series
STANDARD PRODUCT AND CASE SIZE TABLE DφxL (mm)
T2 STYLE
I
I
W
P
A
R
R
S
T
WT STYLE
B
+
-
+
-
+
-
+
-
+
-
II
II
+
-
+
-
I
W
P
A
B
+
-
+
-
+
-
II
+
-
+
-
I
+
-
+
-
Termination deflection:
T2 = +0.3mm
WT = + 0.15mm/- 0.05mm
Dφ
L
Anti-Vibration Skirt
Cap
(µF)
Code
Working Voltage (Vdc)
6.3
10
16
25
35
50
63
100
47
470
-
-
-
-
-
-
-
12.5 x 17
68
680
-
-
-
-
-
-
12.5 x 17
12.5 x 17
100
101
-
-
-
-
-
-
12.5 x 17
16 x 17
220
221
-
-
-
-
-
12.5 x 17
16 x 17
18 x 17
330
331
-
-
-
-
12.5 x 17
16 x 17
18 x 17
18 x 22
470
471
-
-
-
12.5 x 17
16 x 17
18 x 17
18 x 22
-
1000
102
-
12.5 x 17
16 x 17
18 x 17
18 x 17
18 x 22
-
-
2200
222
16 x 17
16 x 17
18 x 17
18 x 22
18 x 22
-
-
-
3300
332
18 x 17
18 x 17
18 x 22
18 x 17** 18 x 22
-
-
-
-
4700
472
18 x 22
18 x 22
-
-
-
-
-
-
6800
682
18 x 22
18 x 22
-
-
-
-
-
-
Note:**DF 0.18
NACZF 102 M 16V 16x17 TR 13 WT F
RoHS Compliant
Terminations (100% Sn)
Terminal Style
T2 = 2 Terminal
WT = Wide Terminal
330mm (13”) Reel
Tape & Reel
Size in mm
Working Voltage
Tolerance Code M=20%, K=10%
Capacitance Code in mF, first 2 digits are significant
Third digit is no. of zeros, “R” indicates decimal for
values under 10µF
Series
Terminations (100% Sn)
Terminal Style
330mm (13”) Reel
Tape & Reel
Size in mm
Working Voltage
Tolerance Code M=20%, K=10%
Capacitance Code in mF, first 2 digits are significant
Terminations (100% Sn)
Terminal Style
Terminal Style
Terminal Style
Terminations (100% Sn)
Terminal Style
T2 = 2 Terminal
WT = Wide Terminal
330mm (13”) Reel
330mm (13”) Reel
330mm (13”) Reel
Terminations (100% Sn)
Terminal Style
330mm (13”) Reel
Tape & Reel
Tape & Reel
Tape & Reel
Terminations (100% Sn)
Terminal Style
330mm (13”) Reel
Tape & Reel
Size in mm
Size in mm
Size in mm
Terminations (100% Sn)
Terminal Style
330mm (13”) Reel
Tape & Reel
Size in mm
Working Voltage
Working Voltage
Working Voltage
Terminations (100% Sn)
Terminal Style
330mm (13”) Reel
Tape & Reel
Size in mm
Working Voltage
Tolerance Code M=20%, K=10%
Tolerance Code M=20%, K=10%
Tolerance Code M=20%, K=10%
Capacitance Code in mF, first 2 digits are significant
Capacitance Code in mF, first 2 digits are significant
Terminations (100% Sn)
Terminal Style
330mm (13”) Reel
Tape & Reel
Size in mm
Working Voltage
Tolerance Code M=20%, K=10%
Capacitance Code in mF, first 2 digits are significant
Third digit is no. of zeros, “R” indicates decimal for
values under 10
Series
Series
Series
RoHS Compliant
RoHS Compliant
RoHS Compliant
PART NUMBER SYSTEM
Case Size
Dφ ±0.5
L max.
A ±0.2
B ±0.2
I ±0.2
W
P ±0.2
R
S
T
12.5 x 17T2
12.5
17.5
13.5
13.5
4.7
0.6 ~ 1.2
4.4
-
-
-
12.5 x 17WT
12.5
17.5
13.5
13.5
4.7
0.9 ~ 1.5
4.4
2.2
7.1
2.4
16 x 17T2
16.0
17.5
17.0
17.0
5.5
0.9 ~ 1.5
6.7
-
-
-
16 x 17WT
16.0
17.5
17.0
17.0
5.5
1.2 ~ 1.6
6.7
3.0
9.0
1.9
16 x 22T2
16.0
22.5
17.0
17.0
5.5
0.9 ~ 1.5
6.7
-
-
-
16 x 22WT
16.0
22.5
17.0
17.0
5.5
1.2 ~ 1.6
6.7
3.0
9.0
1.9
18 x 17T2
18.0
17.5
19.0
19.0
6.5
0.9 ~ 1.5
6.7
-
-
-
18 x 17WT
18.0
17.5
19.0
19.0
6.5
1.2 ~ 1.6
6.7
3.0
11.0
1.9
18 x 22T2
18.0
22.5
19.0
19.0
6.5
0.9 ~ 1.5
6.7
-
-
-
18 x 22WT
18.0
22.5
19.0
19.0
6.5
1.2 ~ 1.6
6.7
3.0
11.0
1.9
DIMENSIONS (mm)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com