Electronic Components Datasheet Search
  English  ▼

X  

MMSD103 Datasheet(PDF) 1 Page - Won-Top Electronics

Part # MMSD103
Description  SURFACE MOUNT FAST SWITCHING DIODE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

MMSD103 Datasheet(HTML) 1 Page - Won-Top Electronics

  MMSD103 Datasheet HTML 1Page - Won-Top Electronics MMSD103 Datasheet HTML 2Page - Won-Top Electronics MMSD103 Datasheet HTML 3Page - Won-Top Electronics MMSD103 Datasheet HTML 4Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© Won-Top Electronics Co., Ltd.
www.wontop.com
Revision: October, 2018
1
Pb
Features
Silicon Epitaxial Planar Die Construction
Fast Switching Speed
A
Surface Mount Package Ideally Suited for
Automatic Insertion
For General Purpose Switching Applications
C
Plastic Material – UL Recognition Flammability
D
Classification 94V-0
B
E
Mechanical Data
H
Case: SOD-123, Molded Plastic
G
Terminals: Plated Leads Solderable per
J
MIL-STD-202, Method 208
Polarity: Cathode Band
Weight: 0.01 grams (approx.)
Marking: JS
Lead Free: For RoHS / Lead Free Version,
Add “-LF” Suffix to Part Number, See Page 4
Maximum Ratings @TA=25°C unless otherwise specified
Characteristic
Symbol
Value
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
250
V
Forward Continuous Current
IF
200
mA
Non-Repetitive Peak Forward Surge Current
IFSM
625
mA
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Power Dissipation (Note 1)
PD
400
mW
Thermal Resistance, Junction to Ambient (Note 1)
Thermal Resistance, Junction to Lead (Note 1)
RθJA
RθJL
492
174
°C/W
Note: 1. Mounted on FR-5 PC board with 25.4 x 25.4mm copper pads.
MMSD103
SURFACE MOUNT FAST SWITCHING DIODE
WON-TOP ELECTRONICS
®
SOD-123
Dim
Min
Max
A
3.60
3.90
B
2.50
2.80
C
1.40
1.80
D
0.30
0.78
E
—
0.25
G
0.15
—
H
0.95
1.35
J
—
0.15
All Dimensions in mm


Similar Part No. - MMSD103

ManufacturerPart #DatasheetDescription
logo
Galaxy Semi-Conductor H...
MMSD103 BILIN-MMSD103 Datasheet
170Kb / 3P
High Voltage switching Diode
Rev.A
logo
Shenzhen Luguang Electr...
MMSD103 LUGUANG-MMSD103 Datasheet
229Kb / 2P
High Voltage Switching Diodes
logo
Microdiode Semiconducto...
MMSD103 CHENDA-MMSD103 Datasheet
347Kb / 3P
High Voltage switching Diode
logo
Diode Semiconductor Kor...
MMSD103 DSK-MMSD103 Datasheet
245Kb / 3P
High Voltage switching Diode
logo
Galaxy Semi-Conductor H...
MMSD103 BILIN-MMSD103 Datasheet
173Kb / 3P
High Voltage switching Diode
Rev.A
More results

Similar Description - MMSD103

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
BAS19W TRSYS-BAS19W Datasheet
115Kb / 2P
SURFACE MOUNT FAST SWITCHING DIODE
logo
Won-Top Electronics
BAV70 WTE-BAV70 Datasheet
44Kb / 3P
SURFACE MOUNT FAST SWITCHING DIODE
logo
Diodes Incorporated
1N4448W DIODES-1N4448W Datasheet
73Kb / 3P
FAST SWITCHING SURFACE MOUNT DIODE
DS12002 Rev. 9 - 2
BAS19 DIODES-BAS19 Datasheet
71Kb / 2P
SURFACE MOUNT FAST SWITCHING DIODE
DS12004 Rev. 12 - 2
BAS19W DIODES-BAS19W Datasheet
64Kb / 3P
SURFACE MOUNT FAST SWITCHING DIODE
DS30118 Rev. 6 - 2
MMBD4448HT DIODES-MMBD4448HT Datasheet
167Kb / 2P
SURFACE MOUNT FAST SWITCHING DIODE
DS30263 Rev. 5 - 2
logo
Won-Top Electronics
1N4150W WTE-1N4150W_06 Datasheet
40Kb / 4P
SURFACE MOUNT FAST SWITCHING DIODE
1N4448W WTE-1N4448W_06 Datasheet
36Kb / 4P
SURFACE MOUNT FAST SWITCHING DIODE
BAV19W WTE-BAV19W_06 Datasheet
49Kb / 4P
SURFACE MOUNT FAST SWITCHING DIODE
BAW56 WTE-BAW56_06 Datasheet
50Kb / 4P
SURFACE MOUNT FAST SWITCHING DIODE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com