Electronic Components Datasheet Search
  English  ▼

X  

NATT Datasheet(PDF) 3 Page - NIC-Components Corp.

Part # NATT
Description  Surface Mount Aluminum Electrolytic Capacitors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NATT Datasheet(HTML) 3 Page - NIC-Components Corp.

  NATT Datasheet HTML 1Page - NIC-Components Corp. NATT Datasheet HTML 2Page - NIC-Components Corp. NATT Datasheet HTML 3Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
59
®
NIC COMPONENTS CORP.
www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
NIC Part Number
Cap.
(
µF)
W.V.
(Vdc)
Dissipaton Factor
(Tan
δ)
Max. Impedance (
Ω)
100KHz, +20°C
Max. Ripple Current (mA)
+125°C, 100KHz
Load Life Hours
@ +125°C
NATT4R7M35V6.3X6.3LBF
4.7
35
0.14
2.00
60
1,000
NATT100M35V6.3X6.3LBF
10
0.14
1.60
70
1,000
NATT220M35V6.3X6.3LBF
22
0.14
1.60
70
1,000
NATT330M35V6.3X8LBF
33
0.14
0.90
100
1,000
NATT470M35V6.3X8LBF
47
0.14
0.90
100
1,000
NATT470M35V8X10.5KBF
47
0.14
0.40
160
2,000
NATT101M35V8X10.5KBF
100
0.14
0.40
160
2,000
NATT101M35V10X10.5JBF
100
0.14
0.30
220
2,000
NATT221M35V10X10.5JBF
220
0.14
0.30
220
2,000
NATT221M35V12.5X14JBF
220
0.14
0.12
550
2,000
NATT331M35V12.5X14JBF
330
0.14
0.12
550
2,000
NATT471M35V12.5X14JBF
470
0.14
0.12
550
2,000
NATT471M35V16X17HSF
470
0.14
0.08
900
2,000
NATT681M35V16X17HSF
680
0.14
0.08
900
2,000
NATT102M35V16X17HSF
1000
0.14
0.08
900
2,000
NATT2R2M50V6.3X6.3LBF
2.2
50
0.14
3.50
45
1,000
NATT3R3M50V6.3X6.3LBF
3.3
0.14
3.50
45
1,000
NATT4R7M50V6.3X6.3LBF
4.7
0.14
3.50
45
1,000
NATT100M50V6.3X6.3LBF
10
0.14
2.80
50
1,000
NATT220M50V6.3X8LBF
22
0.14
2.00
80
1,000
NATT330M50V6.3X8LBF
33
0.14
2.00
80
1,000
NATT330M50V8X10.5KBF
33
0.14
0.70
140
2,000
NATT470M50V8X10.5KBF
47
0.14
0.70
140
2,000
NATT470M50V10X10.5JBF
47
0.14
0.50
240
2,000
NATT101M50V10X10.5JBF
100
0.14
0.50
240
2,000
NATT101M50V12.5X14JBF
100
0.14
0.23
490
2,000
NATT221M50V12.5X14JBF
220
0.14
0.23
490
2,000
NATT331M50V12.5X14JBF
330
0.14
0.23
490
2,000
NATT331M50V16X17HSF
330
0.14
0.15
800
2,000
NATT471M50V16X17HSF
470
0.14
0.15
800
2,000
NATT681M50V16X17HSF
680
0.14
0.15
800
2,000
NATT100M100V8X10.5JBF
10
100
0.10
1.00
70
1,500
NATT220M100V8X10.5JBF
22
0.10
1.00
70
1,500
NATT330M100V10X10.5JBF
33
0.10
0.80
115
1,500
NATT470M100V12.5X14HBF
47
0.10
0.33
350
1,500
NATT101M100V16X17HSF
100
0.10
0.24
500
1,500
STANDARD VALUES, CASE SIZES AND SPECIFICATIONS
Surface Mount Aluminum Electrolytic Capacitors
NATT Series
Diameter
Time above
200°C
Time above
230°C
Peak Temperature
5 seconds
6.3mm
φ
70 sec. max.
40 sec. max.
250°C
8mm
φ
60 sec. max.
30 sec. max.
245°C
10mm, 12.5mm
φ 50 sec. max. 20 sec. max.
240°C
16mm
φ
50 sec. max.
15 sec. max.
235°C
PEAK REFLOW TEMPERATURE & DURATION (6.3 ~ 50V)
Time Above 200°C
(see table)
50
100
150
200
Time (Seconds)
Preheat - 120 seconds max.
(150°C ~ 180°C)
Peak Temperature
(see table)
230
Time Above 230°C
(see table)
Case Size
a
b
c
6x3x6.3
6.3x8
2.1
3.5
1.8
8x10.5
2.8
4.1
2.1
10x10.5
4.3
4.4
2.5
12.5x14
4.3
5.8
2.5
16x17
6.6
6.5
5.0
a
c
b
RECOMMENDED LAND PATTERN DIMENSIONS (mm)
PEAK REFLOW TEMPERATURE & DURATION (100V)
Diameter
Time above
200°C
Time above
230°C
Peak Temperature
5 seconds
8mm, 10mm
φ
60 sec. max.
30 sec. max.
240°C
12.5mm
φ
50 sec. max.
20 sec. max.
235°C
16mm
φ
45 sec. max.
10 sec. max.
235°C
Review & Compare Reflow Soldering Heat Limits
V-chip SMT Aluminum Electrolytic Capacitors
www.niccomp.com/RSL



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com