Electronic Components Datasheet Search
  English  ▼

X  

NIN Datasheet(PDF) 2 Page - NIC-Components Corp.

Part # NIN
Description  Molded Chip Wirewound Inductors
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NIN Datasheet(HTML) 2 Page - NIC-Components Corp.

  NIN Datasheet HTML 1Page - NIC-Components Corp. NIN Datasheet HTML 2Page - NIC-Components Corp. NIN Datasheet HTML 3Page - NIC-Components Corp. NIN Datasheet HTML 4Page - NIC-Components Corp. NIN Datasheet HTML 5Page - NIC-Components Corp. NIN Datasheet HTML 6Page - NIC-Components Corp. NIN Datasheet HTML 7Page - NIC-Components Corp. NIN Datasheet HTML 8Page - NIC-Components Corp. NIN Datasheet HTML 9Page - NIC-Components Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
28
®
NIC COMPONENTS CORP. www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
29
®
NIC COMPONENTS CORP. www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
Molded Chip Wirewound Inductors
NIN Series
DIMENSIONS (mm)
SIZE B
Applicable Guidelines:
1. Recommended soldering conditions :
Flow (wave): 250oC for 5 sec. max. (preheating of 120oC for 5 minutes.)
Reflow: 250oC for 10 sec. max., total time above 230°C is 40 sec. max. (preheating 150°C ~ 180°C/120 sec. max.)
2. Avoid placing inductor over any metal pattern on the PCB, which may create mutual inductance problems.
3. For mounting, it is suggested to secure chip inductor by means of epoxy adhesive curable by ultraviolet.
4. Ultrasonic cleaning is not recommended. If it is necessary, the cleaning conditions must be examined so as not to create mechanical
damage by unexpected resonant vibration. Please contact our engineering department.
5. An excessive mechanical force may effect the electrical and magnetic properties of chip inductors. Make sure not to use any stress
greater than 2Kg when component is placed.
SIZE A and C
PART MARKING
(1) 3 digits system in
µH
(2) R indicates decimal point in
µH Ex:2R7 = 2.7µH
Ex:R18 = .18
µH = 180nH
(3) N indicates nanohenries (0.001
µH), Ex: 10N = 0.01 µH = 10nH
MARKING
L
B
B
MARKING
L
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
� � �
�
�
�
�
� � �
�
�
�
�
� � �
�
�
�
�
� � �
�
�
�
�
�
�
�
�
�
� � �
�
�
�
�
� � �
�
�
�
�
� � �
�
�
�
�
� � �
�
�
�
�
� � �
�
�
�
�
�
�
�
�
�
� � �
�
�
�
�
� � �
�
�
�
�
� � �
�
�
�
�
� � �
�
�
�
�
� � �
�
�
e
c
n
a
t
c
u
d
n
I
e
c
n
a
r
e
l
o
T
r
o
f
g
n
i
k
r
a
M
e
c
n
a
r
e
l
o
T
e
l
p
m
a
x
E
± %
0
2
M
M
2
R
2
± %
0
1
n
o
it
a
c
if
it
n
e
d
I
o
N
0
7
4
± %
5
J
J
0
7
2
Inductance Tolerance Code:
M = ±20%, K = ±10%, J = ±5%
Packaging: TR = Tape & Reel
PART NUMBER SYSTEM
Rated inductance in µH (3 digits, first 2 numbers
are significant, R stands for decimal point)
NIN-FA
Series-Type
Lead Free/RoHS compliant
(99.3% Sn, 0.7% Cu)
R47 M TR F



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com