Electronic Components Datasheet Search
  English  ▼

X  

HVL145 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # HVL145
Description  Silicon Epitaxial Planar Pin Diode for Antenna Switching
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HVL145 Datasheet(HTML) 1 Page - Renesas Technology Corp

  HVL145 Datasheet HTML 1Page - Renesas Technology Corp HVL145 Datasheet HTML 2Page - Renesas Technology Corp HVL145 Datasheet HTML 3Page - Renesas Technology Corp HVL145 Datasheet HTML 4Page - Renesas Technology Corp HVL145 Datasheet HTML 5Page - Renesas Technology Corp HVL145 Datasheet HTML 6Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Rev.1.00, Dec 07, 2004, page 1 of 5
HVL145
Silicon Epitaxial Planar Pin Diode for Antenna Switching
REJ03G0434-0100
(Previous: ADE-208-1597)
Rev.1.00
Dec 07, 2004
Features
• An optimal solution for antenna switching in mobile phones.
• Low capacitance. (C = 0.45 pF max)
• Low forward resistance. (rf = 1.8 Ω max)
• Extremely small Flat Lead Package (EFP) is suitable for surface mount design.
Ordering Information
Type No.
Laser Mark
Package Code
HVL145
4
EFP
Pin Arrangement
Cathode mark
Mark
1. Cathode
2. Anode
12


Similar Part No. - HVL145

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HVL142A RENESAS-HVL142A Datasheet
171Kb / 8P
Silicon Epitaxial Planar Pin Diode for Antenna Switching
Jan 13, 2006
HVL142AM RENESAS-HVL142AM Datasheet
58Kb / 6P
Silicon Epitaxial Planar Pin Diode for Antenna Switching
HVL144A RENESAS-HVL144A Datasheet
67Kb / 6P
Silicon Epitaxial Trench Pin Diode for Antenna Switching
HVL144AM RENESAS-HVL144AM Datasheet
163Kb / 6P
Silicon Epitaxial Trench Pin Diode for Antenna Switching
HVL147 RENESAS-HVL147 Datasheet
82Kb / 5P
Silicon Epitaxial Trench Pin Diode for Antenna Switching
More results

Similar Description - HVL145

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HVD133A RENESAS-HVD133A Datasheet
64Kb / 5P
Silicon Epitaxial Planar Pin Diode for Antenna Switching
HVD141 RENESAS-HVD141 Datasheet
151Kb / 6P
Silicon Epitaxial Planar Pin Diode for Antenna Switching
RKP200KP RENESAS-RKP200KP Datasheet
52Kb / 5P
Silicon Epitaxial Planar Pin Diode for Antenna Switching
RKP204KP RENESAS-RKP204KP Datasheet
66Kb / 5P
Silicon Epitaxial Planar Pin Diode for Antenna Switching
RKP200KN RENESAS-RKP200KN Datasheet
157Kb / 5P
Silicon Epitaxial Planar Pin Diode for Antenna Switching
RKP300WKQE RENESAS-RKP300WKQE Datasheet
81Kb / 5P
Silicon Epitaxial Planar Pin Diode for Antenna Switching
RKP301KJ RENESAS-RKP301KJ Datasheet
82Kb / 5P
Silicon Epitaxial Planar Pin Diode for Antenna Switching
RKP301KK RENESAS-RKP301KK Datasheet
82Kb / 5P
Silicon Epitaxial Planar Pin Diode for Antenna Switching
HVU131 RENESAS-HVU131 Datasheet
77Kb / 5P
Silicon Epitaxial Planar Pin Diode for Antenna Switching
HVD131 RENESAS-HVD131 Datasheet
82Kb / 5P
Silicon Epitaxial Planar Pin Diode for Antenna Switching
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com