Electronic Components Datasheet Search
  English  ▼

X  

MBB62TA-F Datasheet(PDF) 1 Page - Micro Electronics

Part # MBB62TA-F
Description  HIGH BRIGHTNESS BLUE LED LAMP
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-ELECTRONICS [Micro Electronics]
Direct Link  http://www.microelectr.com.hk
Logo MICRO-ELECTRONICS - Micro Electronics

MBB62TA-F Datasheet(HTML) 1 Page - Micro Electronics

  MBB62TA-F Datasheet HTML 1Page - Micro Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
MBB62TA-F
HIGH
BRIGHTNESS
BLUE LED LAMP
DESCRIPTION
MBB62TA-F is a high brightness
InGaN/GaN
blue
LED
lamp
encapsulated in a 2 x 5mm rectangular
bars with clear transparent lens.
ABSOLUTE MAXIMUM RATINGS
Power Dissipation @ Ta=25°C
100mw
Forward Current, DC (IF)
30mA
Reverse Voltage
5V
Operating Temperature Range
-20 to +80°C
Storage Temperature Range
-30 to +100°C
Lead Soldering Temperature (1/16" from body)
260°C for 5 sec.
ELECTRO-OPTICAL CHARACTERISTICS (Ta=25°C)
PARAMETER
SYMBOL MIN
TYP MAX UNIT
CONDITIONS
Forward Voltage
VF
3.5
4.5
V
IF= 20mA
Reverse Breakdown Voltage
BVR
5
V
IR=100µA
Luminous Intensity
IV
70
120
mcd
IF= 20mA
Dominant Wavelength
λd
460
468
475
nm
IF= 20mA
Spectral Line Half Width
∆λ
30
nm
IF= 20mA
Viewing Angle
2θ 1/2
40
degree
IF= 20mA
CAUTION
Static eletricity and surge damages the LED ,It is recommended to use a wrist band or anti-eletrostatic glove
when handling the LED . All devices,equipment and machinery must be properly grounded.
12/12/02
MICRO
MICRO ELECTRONICS LTD.
38, Hung To Road, Microtron Bulding, Kwun Tong, Kowloon, Hong Kong.
Kwun Tong P.O. Box 69477 Hong Kong. Fax No. 2341 0321 Telex:43510 Micro Hx. Tel: 2343 0181-5


Similar Part No. - MBB62TA-F

ManufacturerPart #DatasheetDescription
logo
Nova Electric. All Righ...
MBB 0207 NOVA-MBB 0207 Datasheet
3Mb / 1P
COMP-CARD®-System
Rev.03 24.05.17
logo
Gamewell-FCI by Honeywe...
MBB-2 GAMEWELL-FCI-MBB-2 Datasheet
88Kb / 2P
Multi-mod 10 input module
MBB-2 GAMEWELL-FCI-MBB-2 Datasheet
76Kb / 2P
Multi-mod relay output
MBB-2 GAMEWELL-FCI-MBB-2 Datasheet
107Kb / 2P
Multi-Mod 6 zone interface module
MBB-2 GAMEWELL-FCI-MBB-2 Datasheet
84Kb / 2P
Multi-Mod 6 zone interface module
More results

Similar Description - MBB62TA-F

ManufacturerPart #DatasheetDescription
logo
Micro Electronics
MBB51TBH MICRO-ELECTRONICS-MBB51TBH Datasheet
46Kb / 1P
ULTRA HIGH BRIGHTNESS BLUE LED LAMP
MBB31TA-EJ MICRO-ELECTRONICS-MBB31TA-EJ Datasheet
107Kb / 1P
ULTRA HIGH BRIGHTNESS BLUE LED LAMP
MBB32TA-DJ MICRO-ELECTRONICS-MBB32TA-DJ Datasheet
37Kb / 1P
ULTRA HIGH BRIGHTNESS BLUE LED LAMP
MBB51CAS MICRO-ELECTRONICS-MBB51CAS Datasheet
99Kb / 1P
ULTRA HIGH BRIGHTNESS BLUE LED LAMP
MBB51XA-EJ MICRO-ELECTRONICS-MBB51XA-EJ Datasheet
155Kb / 2P
HIGH BRIGHTNESS BLUE LED LAMP
MBB51TA-DI MICRO-ELECTRONICS-MBB51TA-DI Datasheet
106Kb / 1P
ULTRA HIGH BRIGHTNESS BLUE LED LAMP
MBB51TB-10H MICRO-ELECTRONICS-MBB51TB-10H Datasheet
56Kb / 1P
ULTRA HIGH BRIGHTNESS BLUE LED LAMP
MBB51TK-11J MICRO-ELECTRONICS-MBB51TK-11J Datasheet
130Kb / 2P
ULTRA HIGH BRIGHTNESS BLUE LED LAMP
MBB55CA-3E MICRO-ELECTRONICS-MBB55CA-3E Datasheet
113Kb / 1P
HIGH BRIGHTNESS BLUE LED LAMP
MBB51DA-EJ MICRO-ELECTRONICS-MBB51DA-EJ Datasheet
159Kb / 2P
HIGH BRIGHTNESS BLUE LED LAMP
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com