Electronic Components Datasheet Search
  English  ▼

X  

PHT6N06T Datasheet(PDF) 1 Page - NXP Semiconductors

Part # PHT6N06T
Description  TrenchMOS transistor Standard level FET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PHT6N06T Datasheet(HTML) 1 Page - NXP Semiconductors

  PHT6N06T Datasheet HTML 1Page - NXP Semiconductors PHT6N06T Datasheet HTML 2Page - NXP Semiconductors PHT6N06T Datasheet HTML 3Page - NXP Semiconductors PHT6N06T Datasheet HTML 4Page - NXP Semiconductors PHT6N06T Datasheet HTML 5Page - NXP Semiconductors PHT6N06T Datasheet HTML 6Page - NXP Semiconductors PHT6N06T Datasheet HTML 7Page - NXP Semiconductors PHT6N06T Datasheet HTML 8Page - NXP Semiconductors PHT6N06T Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Philips Semiconductors
Product specification
TrenchMOS
™ transistor
PHT6N06T
Standard level FET
GENERAL DESCRIPTION
QUICK REFERENCE DATA
N-channel enhancement mode
SYMBOL
PARAMETER
MAX.
UNIT
logic level field-effect power
transistor in a plastic envelope
V
DS
Drain-source voltage
55
V
suitable for surface mounting.
I
D
Drain current (DC) T
sp = 25 ˚C
5.5
A
Using ’trench’ technology the
Drain current (DC) T
amb = 25 ˚C
2.5
A
device
features
very
low
P
tot
Total power dissipation
8.3
W
on-state resistance and has
T
j
Junction temperature
150
˚C
integral zener diodes giving
R
DS(ON)
Drain-source on-state
150
m
Ω
ESD protection. It is intended for
resistance
V
GS = 10 V
use in DC-DC converters and
general
purpose
switching
applications.
PINNING - SOT223
PIN CONFIGURATION
SYMBOL
PIN
DESCRIPTION
1
gate
2
drain
3
source
4
drain (tab)
LIMITING VALUES
Limiting values in accordance with the Absolute Maximum System (IEC 134)
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
V
DS
Drain-source voltage
-
-
55
V
V
DGR
Drain-gate voltage
R
GS = 20 kΩ
-55
V
±V
GS
Gate-source voltage
-
-
20
V
I
D
Drain current (DC)
T
sp = 25 ˚C
-
5.5
A
T
amb = 25 ˚C
-
2.5
A
I
D
Drain current (DC)
T
sp = 100 ˚C
-
3.8
A
T
amb = 100 ˚C
-
1.75
A
I
DM
Drain current (pulse peak value)
T
sp = 25 ˚C
-
22
A
T
amb = 25 ˚C
-
10
A
P
tot
Total power dissipation
T
sp = 25 ˚C
-
8.3
W
T
amb = 25 ˚C
-
1.8
W
T
stg, Tj
Storage & operating temperature
-
- 55
150
˚C
ESD LIMITING VALUE
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
V
C
Electrostatic discharge capacitor
Human body model
-
2
kV
voltage
(100 pF, 1.5 k
Ω)
d
g
s
4
1
23
September 1997
1
Rev 1.000


Similar Part No. - PHT6N06T

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PHT6N06T NEXPERIA-PHT6N06T Datasheet
345Kb / 13P
TrenchMOS™ standard level FET
Rev. 02 - 03 February 2003
More results

Similar Description - PHT6N06T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PHB125N06T PHILIPS-PHB125N06T Datasheet
67Kb / 8P
TrenchMOS transistor Standard level FET
December 1997 Rev 1.100
PHB80N06T PHILIPS-PHB80N06T Datasheet
70Kb / 8P
TrenchMOS transistor Standard level FET
December 1997 Rev 1.100
PHB87N03T PHILIPS-PHB87N03T Datasheet
65Kb / 8P
TrenchMOS transistor Standard level FET
December 1997 Rev 1.200
PHP125N06T PHILIPS-PHP125N06T Datasheet
63Kb / 8P
TrenchMOS transistor Standard level FET
December 1997 Rev 1.100
PHP60N06T PHILIPS-PHP60N06T Datasheet
64Kb / 8P
TrenchMOS transistor Standard level FET
December 1997 Rev 1.100
PHP65N06T PHILIPS-PHP65N06T Datasheet
64Kb / 8P
TrenchMOS transistor Standard level FET
November 1997 Rev 1.100
PHP87N03T PHILIPS-PHP87N03T Datasheet
59Kb / 8P
TrenchMOS transistor Standard level FET
September 1997 Rev 1.100
BUK95150-55A PHILIPS-BUK95150-55A Datasheet
71Kb / 9P
TrenchMOS transistor standard level FET
February 2000 - Rev 1.000
BUK7608-55 PHILIPS-BUK7608-55_15 Datasheet
60Kb / 8P
TrenchMOS transistor Standard level FET
April 1998 Rev 1.000
BUK7640-100A PHILIPS-BUK7640-100A Datasheet
98Kb / 8P
TrenchMOS??transistor Standard level FET
December 1999 Rev 1.000
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com