Electronic Components Datasheet Search
  English  ▼

X  

NMC Datasheet(PDF) 1 Page - NIC-Components Corp.

Part # NMC
Description  Multilayer Ceramic Chip Capacitors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NMC Datasheet(HTML) 1 Page - NIC-Components Corp.

  NMC Datasheet HTML 1Page - NIC-Components Corp. NMC Datasheet HTML 2Page - NIC-Components Corp. NMC Datasheet HTML 3Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
4
®
NIC COMPONENTS CORP. www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
5
®
NIC COMPONENTS CORP.
.niccomp.
.lowESR.
.RFpassives.
.SMTmagnetics.
FEATURES
• CLASS II DIELECTRIC, TEMPERATURE STABLE
• EXCELLENT FREQUENCY CHARACTERISTICS, NON-LINEAR
CAPACITANCE CHANGE
• HIGHER CAPACITANCE THAN NPO
• NICKEL BARRIER TERMINATIONS AND EXCELLENT
MECHANICAL STRENGTH
• EIA MARKING AVAILABLE
NMC Series X7R
Multilayer Ceramic Chip Capacitors
NMC 0805 X7R 102 K 50 TRP or TRPLP 3K F
RoHS Compliant
Optional Reel Qty (3K=3,000pcs)
Tape & Reel (Embossed Plastic Carrier)
Tape & Reel (Paper carrier)
Voltage (Vdc)
Capacitance Tolerance Code (see chart)
Capacitance Code, expressed in pF, first 2 digits are
significant, 3rd digit is no. of zeros, “R” indicates
decimal for under 10pF
Temperature Characteristic
Size Code (see chart)
Series
RoHS Compliant
Optional Reel Qty (3K=3,000pcs)
Tape & Reel (Embossed Plastic Carrier)
Tape & Reel (Embossed Plastic Carrier)
Tape & Reel (Embossed Plastic Carrier)
RoHS Compliant
Optional Reel Qty (3K=3,000pcs)
Tape & Reel (Embossed Plastic Carrier)
Tape & Reel (Paper carrier)
Tape & Reel (Paper carrier)
Tape & Reel (Paper carrier)
RoHS Compliant
Optional Reel Qty (3K=3,000pcs)
Tape & Reel (Embossed Plastic Carrier)
Tape & Reel (Paper carrier)
Voltage (Vdc)
Voltage (Vdc)
Voltage (Vdc)
RoHS Compliant
Optional Reel Qty (3K=3,000pcs)
Tape & Reel (Embossed Plastic Carrier)
Tape & Reel (Paper carrier)
Voltage (Vdc)
Capacitance Tolerance Code (see chart)
Capacitance Tolerance Code (see chart)
Capacitance Tolerance Code (see chart)
RoHS Compliant
Optional Reel Qty (3K=3,000pcs)
Tape & Reel (Embossed Plastic Carrier)
Tape & Reel (Paper carrier)
Voltage (Vdc)
Capacitance Tolerance Code (see chart)
Capacitance Code, expressed in pF, first 2 digits are
significant, 3rd digit is no. of zeros, “R” indicates
decimal for under 10pF
Temperature Characteristic
Size Code (see chart)
Series
Series
Series
RoHS Compliant
Optional Reel Qty (3K=3,000pcs)
Tape & Reel (Embossed Plastic Carrier)
Tape & Reel (Paper carrier)
Voltage (Vdc)
Capacitance Tolerance Code (see chart)
Capacitance Code, expressed in pF, first 2 digits are
significant, 3rd digit is no. of zeros, “R” indicates
decimal for under 10pF
Temperature Characteristic
Temperature Characteristic
Temperature Characteristic
RoHS Compliant
Optional Reel Qty (3K=3,000pcs)
Tape & Reel (Embossed Plastic Carrier)
Tape & Reel (Paper carrier)
Voltage (Vdc)
Capacitance Tolerance Code (see chart)
Capacitance Code, expressed in pF, first 2 digits are
Capacitance Code, expressed in pF, first 2 digits are
RoHS Compliant
Optional Reel Qty (3K=3,000pcs)
Optional Reel Qty (3K=3,000pcs)
Optional Reel Qty (3K=3,000pcs)
RoHS Compliant
Optional Reel Qty (3K=3,000pcs)
Tape & Reel (Embossed Plastic Carrier)
Tape & Reel (Paper carrier)
Voltage (Vdc)
Capacitance Tolerance Code (see chart)
Capacitance Code, expressed in pF, first 2 digits are
significant, 3rd digit is no. of zeros, “R” indicates
decimal for under 10pF
Temperature Characteristic
Size Code (see chart)
Size Code (see chart)
Size Code (see chart)
PART NUMBER SYSTEM
RoHS Compliant
RoHS Compliant
RoHS Compliant
RoHS
Compliant
includes all homogeneous materials
*See Part Number System for Details
Capacitance Range
470pF ~ 0.82µF (see high CV datasheet for higher capacitance values)
Capacitance Tolerance
±5% (J), ±10% (K), ±20% (M)
Operating Temperature Range
-55°C ~ +125°C
Temperature Characteristics
±15%∆ max. over temperature range (with 0 Vdc applied)
Rated Voltages
16Vdc, 25Vdc, 35Vdc, 50Vdc (see NMC-H Series for higher voltages)
Dissipation Factor
2.5% max. (50Vdc, 100Vdc); 3.5% max. (16Vdc, 25Vdc) 5% max. (10Vdc)
@ 1.0Vrms and 1KHz, +25°C
insulation Resistance
100Gigohms min. or 1000Megohm/µF min. whichever is less @ +25°C
Dielectric Withstanding Voltage
250% of Rated Voltage for 5 ±1 seconds, 50mA maximum current
Test Conditions (EIA-198-2E)
1KHz, 1.0V ±0.2Vrms
Temperature °C
10000
1000
100
10
10
25
100 125
Minimum Insulation Resistance
vs. Temperature
Impedance vs. Frequency - X7R
Frequency (MHz)
% Dissipation Factor vs. Temperature
Temperature °C
Typical X7R Temperature Coefficient
Temperature °C
Voltage Coefficient of Capacitance - X7R
DC Volts Applied


Similar Part No. - NMC

ManufacturerPart #DatasheetDescription
logo
HolyStone International
NMC HOLYSTONECAPS-NMC Datasheet
87Kb / 2P
NIOBIUM ELECTROLYTIC CAPACITORS
logo
Advantech Co., Ltd.
NMC-0107-10E ADVANTECH-NMC-0107-10E Datasheet
324Kb / 1P
Cost-optimized, high density IO modules for use in Advantech?셲 Network Application Platforms
NMC-0107 ADVANTECH-NMC-0107_15 Datasheet
324Kb / 1P
Cost-optimized, high density IO modules for use in Advantech?셲 Network Application Platforms
NMC-0108 ADVANTECH-NMC-0108 Datasheet
515Kb / 1P
4 Ports 1GbE SFP Module
24-Jun-2018
NMC-0108-04FSA1 ADVANTECH-NMC-0108-04FSA1 Datasheet
515Kb / 1P
4 Ports 1GbE SFP Module
24-Jun-2018
More results

Similar Description - NMC

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NMC-H NIC-NMC-H Datasheet
80Kb / 5P
Multilayer Ceramic Chip Capacitors
NMC-M NIC-NMC-M Datasheet
192Kb / 3P
Multilayer Ceramic Chip Capacitors
logo
EPCOS
X8R EPCOS-X8R Datasheet
112Kb / 13P
Multilayer ceramic capacitors Chip capacitors
logo
TDK Electronics
C4532X7R1C226M200KC TDK-C4532X7R1C226M200KC Datasheet
138Kb / 1P
Multilayer Ceramic Chip Capacitors
C4532X7R1E106K250KA TDK-C4532X7R1E106K250KA Datasheet
138Kb / 1P
Multilayer Ceramic Chip Capacitors
C4532X7R1E106M250KA TDK-C4532X7R1E106M250KA Datasheet
138Kb / 1P
Multilayer Ceramic Chip Capacitors
C4532X7R1H225K160KA TDK-C4532X7R1H225K160KA Datasheet
138Kb / 1P
Multilayer Ceramic Chip Capacitors
C4532X7R2A105M230KA TDK-C4532X7R2A105M230KA Datasheet
139Kb / 1P
Multilayer Ceramic Chip Capacitors
C4532X7R2A155K230KA TDK-C4532X7R2A155K230KA Datasheet
138Kb / 1P
Multilayer Ceramic Chip Capacitors
C4532X7R2A684M230KA TDK-C4532X7R2A684M230KA Datasheet
138Kb / 1P
Multilayer Ceramic Chip Capacitors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com