Electronic Components Datasheet Search
  English  ▼

X  

NML Datasheet(PDF) 2 Page - NIC-Components Corp.

Part # NML
Description  Multilayer Chip Inductors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NML Datasheet(HTML) 2 Page - NIC-Components Corp.

  NML Datasheet HTML 1Page - NIC-Components Corp. NML Datasheet HTML 2Page - NIC-Components Corp. NML Datasheet HTML 3Page - NIC-Components Corp. NML Datasheet HTML 4Page - NIC-Components Corp. NML Datasheet HTML 5Page - NIC-Components Corp. NML Datasheet HTML 6Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
®
NIC COMPONENTS CORP. www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
6
7
®
NIC COMPONENTS CORP. www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
Multilayer Chip Inductors
NML Series
�� �
��
��
��
��
��
��
��
��
��
��
��
��
��
��
��
��
��
��
��
��
��
��
��
��
��
��
��
TAPE AND REEL DIMENSIONS (mm)
21.0
±0.8
2.0 ± 0.5
10.0
±1.0
13.0±0.5
2.0 ± 0.5
NML04 SERIES
VALUES AND SPECIFICATIONS
TYPE
A
B
Reel Qty
NML04
0.7 ± 0.05
1.2 ± 0.05
10,000
NML06
1.0 ± 0.20
1.8 ± 0.20
4,000
NML08
1.42 ± 0.20
2.25 ± 0.20
4,000
0402=2.0 ±0.1
0603/0805=4.0 ±0.1
TAPE AND REEL PACKAGING (mm)
Sprocket Hole 1.5 +0.1/-0
1.1 Max.
A
4.0
±0.1
2.0
±0.05



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com