Electronic Components Datasheet Search
  English  ▼

X  

MMB0207 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # MMB0207
Description  Professional MELF Resistors
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MMB0207 Datasheet(HTML) 3 Page - Vishay Siliconix

  MMB0207 Datasheet HTML 1Page - Vishay Siliconix MMB0207 Datasheet HTML 2Page - Vishay Siliconix MMB0207 Datasheet HTML 3Page - Vishay Siliconix MMB0207 Datasheet HTML 4Page - Vishay Siliconix MMB0207 Datasheet HTML 5Page - Vishay Siliconix MMB0207 Datasheet HTML 6Page - Vishay Siliconix MMB0207 Datasheet HTML 7Page - Vishay Siliconix MMB0207 Datasheet HTML 8Page - Vishay Siliconix MMB0207 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
www.vishay.com
For technical questions contact: ff3bresistors@vishay.com
Document Number: 28713
14
Revision: 18-Jul-06
MMU 0102, MMA 0204, MMB 0207 - Professional
Vishay Beyschlag
Professional MELF Resistors
Notes
1. Products can be ordered using either the PRODUCT DESCRIPTION or the 12NC.
2. The PART NUMBER is shown to facilitate the introduction of the unified part numbering system. Currently, this PART NUMBER is applicable
in the Americas and in Asia/Pacific only.
3. Please refer to table PACKAGING, see below.
4. A temperature coefficient 100 ppm/K is marked - 00
.
PART NUMBER AND PRODUCT DESCRIPTION1)
PART NUMBER2): MMB02070D5620DB200
PART NUMBER2): MMB02070Z0000ZB200
MMB020
70D5
620DB
200
MMB0
2070
Z0
000
ZB2
0
0
MODEL/SIZE
SPECIAL CHARACTER
TC
VALUE
TOLERANCE
PACKAGING3
SPECIAL
MMU0102
MMA0204
MMB0207
0 = neutral, acc. CECC E0
D = ± 25 ppm/K
C = ± 50 ppm/K
B = ± 100 ppm/K
Z = Jumper
3 digit value
1 digit multiplier
Multiplier
7 = *10-3
8 = *10-2
9 = *10-1
0 = *100
1 = *101
2 = *102
3 = *103
4 = *104
5 = *105
D = ± 0.5 %
F = ± 1 %
G = ± 2 %
J = ± 5 %
Z = Jumper
B3
B0
B2
B7
M3
M8
up to 2 digits
00 = standard
PRODUCT DESCRIPTION: MMB 0207 - 25 0.5 % B2 562R
PRODUCT DESCRIPTION: MMB 0207 B2 0R0
MMB
0207
- 25
0.5 %
B2
562R
MMB
0207
-
-
B2
0R0
MODEL
SIZE
TC
TOLERANCE
PACKAGING3)
RESISTANCE VALUE
MMU
MMA
MMB
0102
0204
0207
± 25 ppm/K
± 50 ppm/K
± 100 ppm/K4)
± 0.5 %
± 1 %
± 2 %
± 5 %
BL
B0
B2
B7
M3
M8
562R = 562
Ω
4M64 = 4.64 M
Ω
0R0 = Jumper
PACKAGING
MODEL
BLISTER TAPE ON REEL
ACC. IEC 60286-3
BULK CASE
ACC. IEC 60286-6
DIAMETER
PIECES/REEL
CODE
PIECES/BULK CASE
CODE
MMU 0102
180 mm/7"
3000
B3 = BL
8000
M8
330 mm/13"
10 000
B0
MMA 0204
180 mm/7"
3000
B3 = BL
3000
M3
330 mm/13"
10 000
B0
MMB 0207
180 mm/7"
2000
B2
--
330 mm/13"
7000
B7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com