Electronic Components Datasheet Search
  English  ▼

X  

ACY7 Datasheet(PDF) 3 Page - PCTEL, Inc.

Part # ACY7
Description  Smarteq™ Yagi 7-Element High Gain Antenna
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCTEL [PCTEL, Inc.]
Direct Link  https://www.pctel.com/
Logo PCTEL - PCTEL, Inc.

ACY7 Datasheet(HTML) 3 Page - PCTEL, Inc.

  ACY7 Datasheet HTML 1Page - PCTEL, Inc. ACY7 Datasheet HTML 2Page - PCTEL, Inc. ACY7 Datasheet HTML 3Page - PCTEL, Inc. ACY7 Datasheet HTML 4Page - PCTEL, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
Smarteq™ Yagi 7-Element
High Gain Antenna
LTE450/CDMA450/TETRA/ISM433/444 - Yagi
> pctel.com/antenna-products
SPECIFICATIONS
Mechanical and Environmental Specifications
Physical
Dimensions (L x W x H)
755 x 420 x 410mm
Weight
1030g
Connector
FME-m
Material
Aluminum
Installation
Pole (Ø 35-54mm)
Max. Wind Speed
30m/s
Flat Plate eq.
0.045m2
Temperature
-40°C to +70°C
Certifications
RoHS compliant
Electrical Specifications
Frequency Range
380-470MHz
Impedance
50Ω
Polarization
Vertical or Horizontal (Depending on installation)
VSWR
< 2.0:1
Gain @ 410MHz
10dBi
F/B ratio
>18dB
Beam width
70°
Max. Power
15W
DATASHEET ID 550 157 E



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com