Electronic Components Datasheet Search
  English  ▼

X  

FP2327-18DP Datasheet(PDF) 1 Page - PCTEL, Inc.

Part # FP2327-18DP
Description  Dual-Polarized Directional Panel Antenna
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCTEL [PCTEL, Inc.]
Direct Link  https://www.pctel.com/
Logo PCTEL - PCTEL, Inc.

FP2327-18DP Datasheet(HTML) 1 Page - PCTEL, Inc.

  FP2327-18DP Datasheet HTML 1Page - PCTEL, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
INFRASTRUCTURE ANTENNAS
PCTEL, Inc. WEB: www.antenna.com
FPM-1001 Mount
FP1800-15DP
PCTEL’s FP directional panel antenna series was designed to cover frequencies used in
industrial wireless applications and to obtain maximum gain with an attractive, low-
profile package. These models provide efficient and stable performance across the
band and can be mounted indoors or outdoors.
Features
• ASA radome and PC board conform to the UL 94 HB flame retardant rating,
allowing maximum installation flexibility
• Attractive, low-profile housing allows antenna to blend well in indoor or outdoor
environments where aesthetic considerations are important
• Fully adjustable mounting bracket for pipe or wall mount installations
• Meets stringent building code requirements
• Panel mounted type N female connector
Dual-Polarized Directional Panel Antenna
VenU® FP Series
Directional Panels
ELECTRICAL SPECIFICATIONS - RF ANTENNA
Model
Frequency Range
Gain
VSWR
Azimuth Half
Power Beamwidth
Elevation Half
Power Beamwidth
FP1800-15DP
1.80-1.83 GHz
15 dBi ± 1 dB
1.5:1 typical, 2.0:1 maximum
22°
22°
FP2327-18DP
2.30-2.70 GHz
17.5 dBi ± 1 dB
1.5:1 typical, 2.0:1 maximum
20°
20°
FP3637-18DP
3.6-3.75 GHz
18.5 dBi ± 1 dB
1.7:1 typical, 2.0:1 maximum
17°
17°
FP4959-22DP
4.9-5.9 GHz
22.5 dBi +/- 1 dB
1.5:1 typical, 2.0:1 maximum
9°
9°
STANDARD CONFIGURATION
Model
Connector
Mount
FP1800-15DP
2 x Type N Female Panel Mount Connectors
FPM-1001 fully adjustable mount is included. Suitable for wall or
mast mount installations (all models)
FP2327-18DP
2 x Type N Female Panel Mount Connectors
FP3637-18DP
2 x Type N Female Panel Mount Connectors
FP4959-22DP
2 x Type N Female Panel Mount Connectors
MECHANICAL & ENVIRONMENTAL SPECIFICATIONS
Dimensions
Weight
Housing Material
Rated Wind
Temperature Range
14.5 x 14.5 x 1.57 in (368 x 368 x 40 mm)
3.5 lbs (1.6 kg)
UL 94 HB ASA radome
125 mph
-40°C to +85°C
ELECTRICAL SPECIFICATIONS - RF ANTENNA, continued
Model
Front to Back Ratio
Average Power
Nominal Impedance
Polarization
FP1800-15DP
> 25 dB
20 watts
50 ohms
Dual Linear, H/V or ±45° slant
FP2327-18DP
> 27 dB
20 watts
50 ohms
Dual Linear, H/V or ±45° slant
FP3637-18DP
> 30 dB
20 watts
50 ohms
Dual Linear, H/V or ±45° slant
FP4959-22DP
> 29 dB
20 watts
50 ohms
Dual Linear, H/V or ±45° slant
RoHS
COMPLIANT


Similar Part No. - FP2327-18DP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FP23 ETC1-FP23 Datasheet
84Kb / 4P
Model FP23 User Guide Microphone Preamplifier
logo
TRIAD MAGNETICS
FP230-10 TRIAD-FP230-10 Datasheet
51Kb / 1P
PC Mount: Flat Pack
FP230-25 TRIAD-FP230-25 Datasheet
53Kb / 1P
PC Mount: Flat Pack
FP230-50 TRIAD-FP230-50 Datasheet
53Kb / 1P
PC Mount: Flat Pack
logo
Goodwork Semiconductor ...
FP2301F GWSEMI-FP2301F Datasheet
191Kb / 4P
P-Cha nnel Enhancement MOSFET
More results

Similar Description - FP2327-18DP

ManufacturerPart #DatasheetDescription
logo
World Produts Inc.
WPANT30052-RA WPI-WPANT30052-RA Datasheet
78Kb / 2P
3.5 GHz WiMAX Directional Panel Antenna
WPANT30093-R1A WPI-WPANT30093-R1A Datasheet
410Kb / 14P
Wi-Fi Dual-band Directional Panel Antenna
logo
Level One
WAN-9150 LVL1-WAN-9150 Datasheet
285Kb / 3P
5GHz 15dBi Directional Dual- Polarization Outdoor Panel Antenna
WAN-9180 LVL1-WAN-9180 Datasheet
279Kb / 3P
5GHz 18dBi Directional Dual- Polarization Outdoor Panel Antenna
logo
Red Lion Controls. Inc
ANT-PD58-19 REDLION-ANT-PD58-19 Datasheet
382Kb / 2P
Flat Panel Directional Antenna
ANT-PAD58-20 REDLION-ANT-PAD58-20 Datasheet
1Mb / 2P
Flat Panel Directional Antenna
ANT-PAD24-14 REDLION-ANT-PAD24-14 Datasheet
1Mb / 2P
Flat Panel Directional Antenna
logo
Laird Tech Smart Techno...
S24015P12NF LSTD-S24015P12NF Datasheet
567Kb / 1P
Directional Panel Antenna
logo
World Produts Inc.
WPANT30130 WPI-WPANT30130 Datasheet
66Kb / 2P
4G / LTE Indoor Directional Panel Antenna
logo
TE Connectivity Ltd
2321811-1 TEC-2321811-1 Datasheet
398Kb / 2P
DUAL BAND DIRECTIONAL PATCH ANTENNA
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com