Electronic Components Datasheet Search
  English  ▼

X  

LP801 Datasheet(PDF) 3 Page - PCTEL, Inc.

Part # LP801
Description  Smarteq™ LP80x-Series Low-Profile Antennas
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCTEL [PCTEL, Inc.]
Direct Link  https://www.pctel.com/
Logo PCTEL - PCTEL, Inc.

LP801 Datasheet(HTML) 3 Page - PCTEL, Inc.

  LP801 Datasheet HTML 1Page - PCTEL, Inc. LP801 Datasheet HTML 2Page - PCTEL, Inc. LP801 Datasheet HTML 3Page - PCTEL, Inc. LP801 Datasheet HTML 4Page - PCTEL, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
Smarteq™ LP80x-Series Low-Profile Antennas
Cellular Antennas (5G, LTE, CBRS, 3G, 2G) - Low Profile Whipless
SPECIFICATIONS
> pctel.com/antenna-products
Electrical Specifications – RF Antennas (All Models)
Frequency Ranges
790-960MHz
1710-2170MHz
2400-2690MHz
VSWR*
LP800
LP801
LP802
< 3.5:1
< 4.2:1
< 3.5:1
< 2:1
< 2:1
< 2:1
< 2:1
< 2:1
< 2:1
Peak Gain* (Typical)
2.5dBi
3dBi
4dBi
Total Efficiency* (Average)
40%
60%
60%
Port
1
Polarization
Linear
Nominal Impedance
50Ω
Max Power (Ambient temp. 25ºC)
10W
DC Short
Yes
Ground Plane Independent
Yes
Electrical Isolation Acc. to SS-EN 61010
LP800
LP801
LP802
No
Yes
Yes
* Antenna measured on one Ø1 meter ground plane with 1.5 meter RG316 cable.
Mechanical and Environmental Specifications (All Models)
Physical
Dimensions (L x W x H)
LP800
LP801
LP802
136 x 48 x 42mm
162 x 50 x 45mm
140 x 52 x 45mm
Installation
LP800
LP801
LP802
2 screws / Adhesive
2 screws / Adhesive
Center screw / Adhesive; Material thickness ≤ 3.5mm Installation hole Ø 16-19mm
Cable
RG316; Different cable lengths are available upon request
Connector
Different connectors are available upon request
Weight
~100g
Color
Grey, Black on request
Operating / Storage Temperature
-40°C to +85°C
UL Certified
Tested according to EN45545:2013
Compliance
RoHs compliant
IP Class
LP800 LP801 LP802 IP65, when installed
IP65
IP65, when installed
DATASHEET ID 550 145 H



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com