Electronic Components Datasheet Search
  English  ▼

X  

PCTMDL Datasheet(PDF) 1 Page - PCTEL, Inc.

Part # PCTMDL
Description  Low-Profile GPS Multi-Band Antennas
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCTEL [PCTEL, Inc.]
Direct Link  https://www.pctel.com/
Logo PCTEL - PCTEL, Inc.

PCTMDL Datasheet(HTML) 1 Page - PCTEL, Inc.

  PCTMDL Datasheet HTML 1Page - PCTEL, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
PCTEL, Inc. WEB: www.antenna.com
MOBILE ANTENNAS
PCTEL’s Medallion™ GPS multi-band platform features an attractive modern design in
a rugged low-profile housing. The antennas offers multi-band coverage of GSM 850,
GSM 900, GSM 1800, GSM 1900, 3G, Wi-Fi/WiMAX frequencies, coupled with GPS L1
capability for outstanding value and flexibility.
Features
• No tune, multi-band coverage: GSM 850, GSM 900, GSM 1800, GSM 1900, 3G and
• Wi-Fi/WiMAX frequencies, coupled with GPS L1 frequencies
• Stylish low-profile housing provides “omnidirectional” trouble-free installation
while complementing most vehicular aesthetic requirements
• Metal 3/4-inch stud mount with slotted jam nut provides single cable exit for easier
installation and/or antenna replacement
Low-Profile GPS Multi-Band Antennas
PCTMDL
*Measured on a 4x4 ft ground plane at the end of a cable. **Standard model. Contact customer service to request other connector options. ***When properly installed on rooftop surface, according to PCTEL installation instructions
Medallion™ - Permanent Mount
ELECTRICAL SPECIFICATIONS - RF ANTENNAS
Model
Frequency Range
Gain* (Typical)
VSWR
Maximum
Power
Nominal
Impedance
Polarization
PCTMDL
806-960 MHz/1710-2170 MHz 2.3-2.6 GHz
2.8 dBi / 3.3 dBi
3.9 dBi
< 2.0:1 (all bands)
20 watts
10 watts
-
50 ohms
Vertical, linear
PCTMDL-GSM 806-960 MHz/1710-2170 MHz
3.5 dBiC / 3.9 dBi < 2.0:1 (all bands)
20 watts
50 ohms
Vertical, linear
STANDARD CONFIGURATION
Model
Cable
Connector (all cables)**
PCTMDL
(1) Voice/Data: 16.5 ft RG-58/U, (1) Wi-Fi: 17 ft RG-58/U, (1) GPS L1: 17 ft RG-174/U
SMA Plug (Male)
PCTMDL-GSM
(1) Voice/Data: 16.5 ft RG-58/U, (1) GPS L1: 17 ft RG-174/U
SMA Plug (Male)
PCTMDL
ELECTRICAL SPECIFICATIONS - GPS ANTENNA (ALL MODELS)
Frequency
Band
Operating
Frequency
Element
Gain
GPS
Antenna
Gain
DC Current
DC
Voltage
Noise
Figure
Grounding
Protection
Filtering
1575.42 MHz
(GPS L1)
Voice/Data: 806-960
MHz/1710-2170 MHz
Wi-Fi: 2.3-2.6 GHz
GPS L1: 1575.42 MHz
27 dB
3.5 dBic
20 mA Nominal;
< 30 mA @ -40°C to
+85°C
3-5.5 V 1.6 dB
typical
DC grounded
(both antennas)
20 dB rejection @ ± 100 MHz
from center frequency
MECHANICAL & ENVIRONMENTAL SPECIFICATIONS (ALL MODELS)
Dimensions
Housing Material
Storage Temperature
Range
Weight
Humidity
Ingress
Protection
5.1 L x 4.95 W x 1.7 D in
(129.6 x 125.8 x 43.1 mm)
UV-Resistant, Black ABS
-40°C to +85°C
1.96 lbs
31.9 oz
95%
IP67***
RoHS
COMPLIANT


Similar Part No. - PCTMDL

ManufacturerPart #DatasheetDescription
logo
PCTEL, Inc.
PCTMBPTSM-RPSM PCTEL-PCTMBPTSM-RPSM Datasheet
207Kb / 2P
Permanent Mount Multi-Band Omnidirectional Antenna
PCTMBPTSM/RPSM PCTEL-PCTMBPTSM/RPSM Datasheet
207Kb / 2P
Permanent Mount Multi-Band Omnidirectional Antenna
PCTMI PCTEL-PCTMI Datasheet
134Kb / 1P
Low-Profile Access Point Antennas for Broadband Wireless
PCTMI2458-RPC PCTEL-PCTMI2458-RPC Datasheet
162Kb / 1P
Low-Profile Access Point Antenna for Broadband Wireless
2019
PCTMI2458-RPSMA PCTEL-PCTMI2458-RPSMA Datasheet
134Kb / 1P
Low-Profile Access Point Antennas for Broadband Wireless
More results

Similar Description - PCTMDL

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1307032 MACOM-1307032 Datasheet
119Kb / 2P
QuickMount Micro GPS Patch Antennas
1307033 MACOM-1307033 Datasheet
79Kb / 2P
OnBoard Micro GPS Patch Antennas
1307035 MACOM-1307035 Datasheet
356Kb / 4P
Commercial Airborne GPS Antennas
logo
TDK Electronics
ANT016008LCD1575MA1 TDK-ANT016008LCD1575MA1 Datasheet
103Kb / 5P
Multilayer Chip Antennas For GPS/2.4 GHz ISM Band
logo
List of Unclassifed Man...
ANT859DBDDAW ETC2-ANT859DBDDAW Datasheet
197Kb / 1P
DUAL BAND ANTENNAS
logo
u-blox AG
ANN-MB U-BLOX-ANN-MB Datasheet
923Kb / 12P
Multi-band, high precision GNSS antennas
logo
PCTEL, Inc.
GLHPDLTE-MM PCTEL-GLHPDLTE-MM Datasheet
294Kb / 2P
Multi-Band LTE MIMO & 802.11ac Antennas with High Rejection GPS/GLONASS
GLHPDLTE-SF PCTEL-GLHPDLTE-SF Datasheet
285Kb / 2P
GNSS Multi-Band Antennas, 5G & 4G Dual LTE with 802.11ac
MLPV PCTEL-MLPV Datasheet
268Kb / 2P
Low-Profile Antennas - MLPV Series
8171D-HR PCTEL-8171D-HR Datasheet
166Kb / 1P
GPS/Aviation Special Purpose Antennas GPS Timing Reference Antennas
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com