Electronic Components Datasheet Search
  English  ▼

X  

AD9866BCPZ Datasheet(PDF) 16 Page - Analog Devices

Part # AD9866BCPZ
Description  Broadband Modem Mixed-Signal Front End
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9866BCPZ Datasheet(HTML) 16 Page - Analog Devices

Back Button AD9866BCPZ Datasheet HTML 12Page - Analog Devices AD9866BCPZ Datasheet HTML 13Page - Analog Devices AD9866BCPZ Datasheet HTML 14Page - Analog Devices AD9866BCPZ Datasheet HTML 15Page - Analog Devices AD9866BCPZ Datasheet HTML 16Page - Analog Devices AD9866BCPZ Datasheet HTML 17Page - Analog Devices AD9866BCPZ Datasheet HTML 18Page - Analog Devices AD9866BCPZ Datasheet HTML 19Page - Analog Devices AD9866BCPZ Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 48 page
background image
AD9866
Rev. A | Page 16 of 48
TxDAC PATH TYPICAL PERFORMANCE CHARACTERISTICS
AVDD = CLKVDD = DVDD = DRVDD = 3.3 V, fOSCIN = 50 MSPS and 80 MSPS, RSET = 1.96 kΩ, 2:1 transformer coupled output
(see Figure 63) into 50 Ω load half-or full-duplex interface, default power bias settings.
FREQUENCY (MHz)
0
5
10
15
20
25
10
–80
–70
–60
–50
–40
–30
–20
–10
0
Figure 27. Dual-Tone Spectral Plot of TxDAC's Output
(fDATA = 50 MSPS, 4× Interpolation, 10 dBm Peak Power,
F1 = 17 MHz, F2 = 18 MHz)
2-TONE CENTER FREQUENCY (MHz)
0
2.5
5.0
7.5
10.0
12.5
15.0
17.5
20.0
–65
–90
–85
–80
–75
–70
10dBm
7dBm
4dBm
Figure 28. 2-Tone IMD Frequency Sweep vs. Peak Power
with fDATA = 50 MSPS, 4× Interpolation
2-TONE CENTER FREQUENCY (MHz)
0
2.5
5.0
7.5
10.0
12.5
15.0
17.5
20.0
–65
–90
–85
–80
–75
–70
10dBm
7dBm
4dBm
Figure 29. 2-Tone Worst Spur Frequency Sweep vs. Peak Power
with fDATA = 50 MSPS, 4× Interpolation
FREQUENCY (MHz)
0
5
10
15
20
25
30
35
40
10
–80
–70
–60
–50
–40
–30
–20
–10
0
Figure 30. Dual-Tone Spectral Plot of TxDAC's Output
(fDATA = 80 MSPS, 2× Interpolation, 10 dBm Peak Power,
F1 = 27.1 MHz, F2 = 28.7 MHz)
2-TONE CENTER FREQUENCY (MHz)
0
5
10
15
20
25
30
–65
–90
–85
–80
–75
–70
10dBm
7dBm
4dBm
Figure 31. 2-Tone IMD Frequency Sweep vs. Peak Power
with fDATA = 80 MSPS, 2× Interpolation
2-TONE CENTER FREQUENCY (MHz)
0
5
10
15
20
25
30
–65
–90
–85
–80
–75
–70
10dBm
7dBm
4dBm
Figure 32. 2-Tone Worst Spur Frequency Sweep vs. Peak Power
with fDATA = 80 MSPS, 2× Interpolation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com