Electronic Components Datasheet Search
  English  ▼

X  

562248 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 562248
Description  Push-in T-connector
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

562248 Datasheet(HTML) 1 Page - Festo Corporation.

  562248 Datasheet HTML 1Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Push-in T-connector
NEDU-M12D4-M12T4-IS
Part number: 562248
General operating condition
Data sheet
Feature
Value
Based on norm
EN 61076-2-101
Explosion prevention and protection
Observe the information on the certificate
Zone 1 (ATEX)
Zone 2 (ATEX)
Zone 21 (ATEX)
Zone 22 (ATEX)
Contact durability
100
Type of mounting
Screw-in
Product weight
25.5 g
Electrical connection
4-pin/4-pin/4-pin
A-coded/A-coded/A-coded
Socket/socket/plug
M12x1/M12x1/M12x1
Symbol
00992230
DC operating voltage range
0 V ... 30 V
Degree of protection
IP65
IP67
Ambient temperature
-25 °C ... 85 °C
LABS (PWIS) conformity
VDMA24364-B2-L
Note on materials
RoHS-compliant
Corrosion resistance class (CRC)
3 - High corrosion stress
Housing material
TPE-U(PU)-reinforced
Die-cast zinc
Material of union nut
PA-reinforced
Seals material
FPM
Material of pin contacts
Copper alloy
Gold-plated
6/3/24 - Subject to change - Festo SE & Co. KG
1/1


Similar Part No. - 562248

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
562241 FESTO-562241 Datasheet
85Kb / 1P
Adapter kit
562242 FESTO-562242 Datasheet
86Kb / 1P
Adapter kit
More results

Similar Description - 562248

ManufacturerPart #DatasheetDescription
logo
Yamaichi Electronics Co...
FRS012-2200-0 YAMAICHI-FRS012-2200-0 Datasheet
149Kb / 2P
4-in-1 Card Connector (Push / Push)
logo
AVX Corporation
9162-500 AVX-9162-500 Datasheet
425Kb / 3P
Six position slide-in SIM connector & Push-Push microSD connector
logo
PHOENIX CONTACT
1110614 PHOENIX-1110614 Datasheet
861Kb / 18P
PCB connector, Lever Push-in connection
1110643 PHOENIX-1110643 Datasheet
920Kb / 18P
PCB connector, Lever Push-in connection
1110597 PHOENIX-1110597 Datasheet
906Kb / 18P
PCB connector, Lever Push-in connection
1110599 PHOENIX-1110599 Datasheet
923Kb / 18P
PCB connector, Lever Push-in connection
1110625 PHOENIX-1110625 Datasheet
1,023Kb / 18P
PCB connector, Lever Push-in connection
1110608 PHOENIX-1110608 Datasheet
759Kb / 18P
PCB connector, Lever Push-in connection
1110620 PHOENIX-1110620 Datasheet
941Kb / 18P
PCB connector, Lever Push-in connection
logo
FIBOX Enclosing innovat...
3534903 FIBOX-3534903 Datasheet
36Kb / 1P
Push-in connector set
16.08.2023
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com